Electronic Components Datasheet Search
  English  ▼

X  

UC5602N Datasheet(PDF) 1 Page - Texas Instruments

Part # UC5602N
Description  SCSI Active Terminator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC5602N Datasheet(HTML) 1 Page - Texas Instruments

  UC5602N Datasheet HTML 1Page - Texas Instruments UC5602N Datasheet HTML 2Page - Texas Instruments UC5602N Datasheet HTML 3Page - Texas Instruments UC5602N Datasheet HTML 4Page - Texas Instruments UC5602N Datasheet HTML 5Page - Texas Instruments UC5602N Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
•
Complies with SCSI, SCSI-2
Standards
•
10pF Channel Capacitance During
Disconnect
•
Active Termination for 18 Lines
•
Logic Command Disconnects all
Termination Lines
•
Low Supply Current in Disconnect
Mode
•
Trimmed Regulator for Accurate
Termination Current
•
Current Limit and Thermal
Shutdown Protection
•
110 Ohm Termination
•
Meets SCSI Hot Plugging
The UC5602 is a pin compatible version of its predecessor, the UC5601,
and is targeted for high volume applications which require active termina-
tion, but not the high performance of the UC5601. The major differences
are relaxed output current and termination tolerances, and the absence of
low side clamps.
The UC5602 provides 18 lines of active termination for a SCSI (Small
Computer Systems Interface) parallel bus. The SCSI-2 standard recom-
mends active termination at both ends of the cable segment, and SCSI-3
will make it a requirement.
The UC5602 provides a disconnect feature which, when opened or driven
high, will disconnect all terminating resistors, and disables the regulator;
greatly reducing standby power. The output channels remain high imped-
ance even without Termpwr applied.
Internal circuit trimming is utilized, first to trim the impedance to a 7% toler-
ance; and then most importantly, to trim the output current 7% tolerance,
as close to the max SCSI as possible, which maximizes noise margin in
fast SCSI operation.
Other features include thermal shutdown, current limit, and 40mA of active
negation sink current capability.
This device is offered in low thermal resistance versions of the industry
standard 28 pin wide body SOIC and PLCC, as well as a 24 pin DIL plastic
package.
UC5602
SCSI Active Terminator
FEATURES
DESCRIPTION
BLOCK DIAGRAM
Circuit Design Patented
10/94
UDG-94052


Similar Part No. - UC5602N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC560 TI-UC560 Datasheet
113Kb / 5P
27-Line SCSI Source/Sink Regulator
UC560 TI1-UC560 Datasheet
107Kb / 6P
27LINE SCSI SOURCE/SINK REGULATOR
UC5601 TI-UC5601 Datasheet
314Kb / 6P
SCSI Active Terminator
UC5601 TI1-UC5601 Datasheet
389Kb / 9P
SCSI Active Terminator
UC5601DWP TI-UC5601DWP Datasheet
314Kb / 6P
SCSI Active Terminator
More results

Similar Description - UC5602N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
logo
Panasonic Semiconductor
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
SCSI active terminator IC
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
SCSI Active Terminator IC
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
SCSI active terminator
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
Active SCSI Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
SCSI-II Active Terminator
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
9-LINE SCSI ACTIVE TERMINATOR
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
SCSI Active Terminator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com