Electronic Components Datasheet Search
  English  ▼

X  

CXM3524ER Datasheet(PDF) 2 Page - Sony Corporation

Part # CXM3524ER
Description  3P10T Antenna Switch for GSM/UMTS Dual Mode Phones
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXM3524ER Datasheet(HTML) 2 Page - Sony Corporation

  CXM3524ER Datasheet HTML 1Page - Sony Corporation CXM3524ER Datasheet HTML 2Page - Sony Corporation CXM3524ER Datasheet HTML 3Page - Sony Corporation CXM3524ER Datasheet HTML 4Page - Sony Corporation CXM3524ER Datasheet HTML 5Page - Sony Corporation CXM3524ER Datasheet HTML 6Page - Sony Corporation CXM3524ER Datasheet HTML 7Page - Sony Corporation CXM3524ER Datasheet HTML 8Page - Sony Corporation CXM3524ER Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
CXM3524ER
- 2 -
Absolute Maximum Ratings
Supply voltage
VDD
3.6
V
(Ta = 25°C)
Control voltage
Vctl
3.6
V
(Ta = 25°C)
Maximum input
[GSM Tx1]
36
dBm
(Duty cycle = 12.5%)
(Ta = 25°C)
[GSM Tx2]
34
dBm
(Duty cycle = 12.5%)
(Ta = 25°C)
[UMTS800M/1.5G/1.7G/2G]
32
dBm
(Ta = 25°C)
[GSM850/900/1800/1900 Rx]
13
dBm
(Ta = 25°C)
Operating temperature
Topr
–30 to +90
°C
Storage temperature
Tstg
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com