Electronic Components Datasheet Search
  English  ▼

X  

UCC1570 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1570
Description  Low Power Pulse Width Modulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1570 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1570 Datasheet HTML 1Page - Texas Instruments UCC1570 Datasheet HTML 2Page - Texas Instruments UCC1570 Datasheet HTML 3Page - Texas Instruments UCC1570 Datasheet HTML 4Page - Texas Instruments UCC1570 Datasheet HTML 5Page - Texas Instruments UCC1570 Datasheet HTML 6Page - Texas Instruments UCC1570 Datasheet HTML 7Page - Texas Instruments UCC1570 Datasheet HTML 8Page - Texas Instruments UCC1570 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UCC1570
UCC2570
UCC3570
Low Power Pulse Width Modulator
DESCRIPTION
The UCC1570 family of pulse width modulators is intended for application
in isolated switching supplies using primary side control and a voltage
mode feedback loop. Made with a BiCMOS process, these devices feature
low startup current for efficient off-line starting with a bootstrapped low volt-
age supply. Operating current is also very low; yet these devices maintain
the ability to drive a power MOSFET gate at frequencies above 500kHz.
Voltage feedforward provides fast and accurate response to wide line volt-
age variation without the noise sensitivity of current mode control. Fast cur-
rent limiting is included with the ability to latch off after a programmable
number of repetitive faults has occurred. This allows the power supply to
ride through a temporary overload, while still shutting down in the event of
a permanent fault. Additional versatility is provided with a maximum duty
cycle clamp programmable within a 20% to 80% range and line voltage
sensing with a programmable window of allowable operation.
10 I3
10 I4
I3
I4
I4
I4
10
7
4
11
9
VFWD
FREQ
SLOPE
RAMP
ISET
CLOCK
GENERATOR
1V
4V
HIGH
LINE
LOW
LINE
1V
FEEDBK
SOFTST
CURLIM
CURRENT
LIMIT
CLK
RAMP
VALLEY
RAMP
PEAK
RAMP
LATCH
4V
1V
S
R
5V
GENERATOR
4.5V
VREF
15V
GND
13/9V
VCC
OUT
PGND
PWM
PWM
LATCH
RD
S
R
0.2V
CLK
COUNT
8
14
2
1
4V
SHUTDOWN
LATCH
SHUTDOWN
0.6V
R
SD
6
12
13
3
5
SD
BLOCK DIAGRAM
04/99
FEATURES
• Low Power BiCMOS Process
• 85µA Start-up Current
• 1mA Run Current
• 1A Peak Gate Drive Output
• Voltage Feed Forward
• Programmable Duty Cycle Clamp
• Optocoupler Interface
• 500kHz Operation
• Soft Start
• Fault Counting Shutdown
• Fault Latch Off or Automatic Restart


Similar Part No. - UCC1570

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
646Kb / 21P
Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI2-UCC15701 Datasheet
713Kb / 23P
Advanced Voltage Mode Pulse Width Modulator
REVISED JUNE 2005
UCC15701/2 TI2-UCC15701/2 Datasheet
713Kb / 23P
Advanced Voltage Mode Pulse Width Modulator
REVISED JUNE 2005
UCC15701J TI1-UCC15701J Datasheet
1Mb / 24P
Advanced Voltage Mode Pulse Width Modulator
More results

Similar Description - UCC1570

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2524D NSC-LM2524D Datasheet
1Mb / 22P
Regulating Pulse Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com