Electronic Components Datasheet Search
  English  ▼

X  

CY4606 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY4606 Datasheet HTML 17Page - Cypress Semiconductor CY4606 Datasheet HTML 18Page - Cypress Semiconductor CY4606 Datasheet HTML 19Page - Cypress Semiconductor CY4606 Datasheet HTML 20Page - Cypress Semiconductor CY4606 Datasheet HTML 21Page - Cypress Semiconductor CY4606 Datasheet HTML 22Page - Cypress Semiconductor CY4606 Datasheet HTML 23Page - Cypress Semiconductor CY4606 Datasheet HTML 24Page - Cypress Semiconductor CY4606 Datasheet HTML 25Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
CY7C656xx
Document Number: 38-08037 Rev. *M
Page 22 of 25
Ordering Information
Table 10. Serial Peripheral Interface
Parameter
Description
Conditions
Min
Typ
Max
Unit
Clock Rise/Fall Time
500
ns
Clock Frequency
250
KHz
Data Setup Time
50
ns
Hold Time
100
ns
Reset Period
1.9
ms
Ordering Code
Package Type
CY7C65630-56LFXC
56-Pin QFN 4-Port Punch Type QFN Bulk
CY7C65630-56LFXCT
56-Pin QFN 4-Port Punch Type QFN Tape & Reel
CY7C65630-56LTXC
56-Pin QFN 4-Port Sawn Type QFN Bulk
CY7C65630-56LTXCT
56-Pin QFN 4-Port Sawn Type QFN Tape & Reel
CY7C65630-56LFXA
56-Pin QFN 4-Port Automotive AEC grade
CY7C65620-56LFXC
56-Pin QFN 2-Port Punch Type QFN Bulk
CY7C65620-56LFXCT
56-Pin QFN 2-Port Punch Type QFN Tape & Reel
CY7C65620-56LTXC
56-Pin QFN 2-Port Sawn Type QFN Bulk
CY7C65620-56LTXCT
56-Pin QFN 2-Port Sawn Type QFN Tape & Reel
CY4606
CY7C65630 USB 2.0 4-Port Hub Reference Design Kit
CY4605
CY7C65620 USB 2.0 2-Port Hub Reference Design Kit
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com