Electronic Components Datasheet Search
  English  ▼

X  

UCC1581 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1581
Description  Micropower Voltage Mode PWM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1581 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1581 Datasheet HTML 1Page - Texas Instruments UCC1581 Datasheet HTML 2Page - Texas Instruments UCC1581 Datasheet HTML 3Page - Texas Instruments UCC1581 Datasheet HTML 4Page - Texas Instruments UCC1581 Datasheet HTML 5Page - Texas Instruments UCC1581 Datasheet HTML 6Page - Texas Instruments UCC1581 Datasheet HTML 7Page - Texas Instruments UCC1581 Datasheet HTML 8Page - Texas Instruments UCC1581 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UCC1581
UCC2581
UCC3581
SLUS295 - MARCH 1999
FEATURES
• Low 85µA Startup Current
• Low 300µA Operating Current
• Automatically Disabled
Startup Preregulator
• Programmable Minimum Duty
Cycle with Cycle Skipping
• Programmable Maximum
Duty Cycle
• Output Current 1A Peak
Source and Sink
• Programmable Soft Start
• Programmable Oscillator
Frequency
• External Oscillator
Synchronization Capability
Micropower Voltage Mode PWM
BLOCK DIAGRAM
DESCRIPTION
The UCC3581 voltage mode pulse width modulator is
designed to control low power isolated DC - DC convert-
ers in applications such as Subscriber Line Power (ISDN
I.430). Primarily used for single switch forward and
flyback converters, the UCC3581 features BiCMOS cir-
cuitry for low startup and operating current, while main-
taining
the
ability
to
drive
power
MOSFETs
at
frequencies up to 100kHz. The UCC3581 oscillator al-
lows the flexibility to program both the frequency and the
maximum duty cycle with two resistors and a capacitor. A
TTL level input is also provided to allow synchronization
to an external frequency source.
The UCC3581 includes programmable soft start circuitry,
overcurrent detection, a 7.5V linear preregulator to con-
trol chip VDD during startup, and an on-board 4.0V logic
supply.
The UCC3581 provides functions to maximize light load
efficiency that are not normally found in PWM controllers.
A linear preregulator driver in conjunction with an exter-
nal depletion mode N-MOSFET provides initial controller
power. Once the bootstrap supply is functional, the
preregulator is shut down to conserve power. During light
load, power is saved by providing a programmable mini-
mum duty cycle clamp. When a duty cycle below the
minimum is called for, the modulator skips cycles to pro-
vide the correct average duty cycle required for output
regulation. This effectively reduces the switching fre-
quency, saving significant gate drive and power stage
losses.
The UCC3581 is available in 14-pin plastic and ceramic
dual-in-line packages and in a 14-pin narrow body small
outline IC package (SOIC). The UCC1581 is specified for
operation from
−55°C to +125°C, the UCC2581 is speci-
fied for operation from
−40°Cto+85°C, and the
UCC3581 is specified for operation from 0
°C to +70°C.
Note: Pin Connection shown for 14-pin Package
UDG-95011-1


Similar Part No. - UCC1581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1581 TI1-UCC1581 Datasheet
934Kb / 16P
Micropower Voltage Mode PWM
UCC1581 TI2-UCC1581 Datasheet
517Kb / 17P
Micropower Voltage Mode PWM
REVISED MARCH 2003
UCC1581J TI1-UCC1581J Datasheet
934Kb / 16P
Micropower Voltage Mode PWM
UCC1581J TI2-UCC1581J Datasheet
517Kb / 17P
Micropower Voltage Mode PWM
REVISED MARCH 2003
UCC1581 TI1-UCC1581_13 Datasheet
934Kb / 16P
Micropower Voltage Mode PWM
More results

Similar Description - UCC1581

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
Voltage Mode PWM Controller
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
Voltage-Mode PWM Controllers
logo
Texas Instruments
UCC1581 TI1-UCC1581_13 Datasheet
934Kb / 16P
Micropower Voltage Mode PWM
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com