Electronic Components Datasheet Search
  English  ▼

X  

CY7C65621 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C65621
Description  EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65621 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C65621 Datasheet HTML 3Page - Cypress Semiconductor CY7C65621 Datasheet HTML 4Page - Cypress Semiconductor CY7C65621 Datasheet HTML 5Page - Cypress Semiconductor CY7C65621 Datasheet HTML 6Page - Cypress Semiconductor CY7C65621 Datasheet HTML 7Page - Cypress Semiconductor CY7C65621 Datasheet HTML 8Page - Cypress Semiconductor CY7C65621 Datasheet HTML 9Page - Cypress Semiconductor CY7C65621 Datasheet HTML 10Page - Cypress Semiconductor CY7C65621 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CY7C65621/31
Document #: 001-52934 Rev. **
Page 7 of 24
Pin Description Table
Table 3. Pin Assignments[3]
Pin
CY7C65631
Name
CY7C65621
Name
Type Default
Description
3
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
7
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
11
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
15
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
19
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
23
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
27
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
33
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
39
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
55
VCC
VCC
Power
N/A
VCC. This signal provides power to the chip.
4
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
8
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
12
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
16
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
20
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
24
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
28
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
34
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
40
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
47
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
50
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
56
GND
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
21
XIN
XIN
Input
N/A
24 MHz Crystal IN or External Clock Input.
22
XOUT
XOUT
Output
N/A
24 MHz Crystal OUT. (NC if external clock is used)
46
RESET#
RESET#
Input
N/A
Active LOW Reset. This pin resets the entire chip. It is normally
tied to VCC through a 100K resistor, and to GND through a 0.1
µF capacitor. Other than this, no other special power up
procedure is required.
45
SELFPWR
SELFPWR
Input
N/A
Self Power. Indicator for bus or self powered. 0 is bus powered,
1 is self powered.
26
VBUSPOWER
VBUSPOWER
Input
N/A
VBUS. Connect to the VBUS pin of the upstream connector.
This signal indicates to the hub that it is in a connected state,
and may enable the D+ pull up resistor to indicate a connection.
(The hub does so after the external EEPROM is read).
SPI Interface
25
SPI_CS
SPI_CS
Output
O
SPI Chip Select. Connect to CS pin of the EEPROM.
48
SPI_SCK
SPI_SCK
Output
O
SPI Clock. Connect to EEPROM SCK pin.
49
SPI_SD
SPI_SD
I/O/Z
Z
SPI Dataline Connect to GND with 15 K
Ω resistor and to the
Data I/O pin of the EEPROM.
Note
3. Unused port DD+/DD– lines can be left floating. Leave the port power, amber, and green LED pins unconnected, and deassert the overcurrent pin. Do not leave
the overcurrent pin floating; it is an input.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com