Electronic Components Datasheet Search
  English  ▼

X  

ZL2005P Datasheet(PDF) 21 Page - Intersil Corporation

Part # ZL2005P
Description  Digital-DC??Controller with Drivers and POLA/DOSA Trim
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2005P Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ZL2005P Datasheet HTML 17Page - Intersil Corporation ZL2005P Datasheet HTML 18Page - Intersil Corporation ZL2005P Datasheet HTML 19Page - Intersil Corporation ZL2005P Datasheet HTML 20Page - Intersil Corporation ZL2005P Datasheet HTML 21Page - Intersil Corporation ZL2005P Datasheet HTML 22Page - Intersil Corporation ZL2005P Datasheet HTML 23Page - Intersil Corporation ZL2005P Datasheet HTML 24Page - Intersil Corporation ZL2005P Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
FN6849.0
February 18, 2009
Figure 16. SYNC Pin Configurations
Configuration A: SYNC OUTPUT
When the SYNC pin is configured as an output (CFG
pin is tied HIGH), the device will operate from its
internal oscillator and will drive the resulting internal
oscillator signal (preset to 400 kHz) onto the SYNC
pin so other devices can be synchronized to it. The
SYNC pin will not be checked for an incoming clock
signal while in this configuration.
Configuration B: SYNC INPUT
When the SYNC pin is configured as an input (CFG
pin is tied LOW), the device will automatically check
for a clock signal on the SYNC pin each time EN is
asserted. The ZL2005P’s oscillator will then synchro-
nize with the rising edge of external clock.
The incoming clock signal must be in the range of 200
kHz to 1.4 MHz and must be stable when the enable
pin is asserted. The clock signal must also exhibit the
necessary performance requirements (see Table 3). In
the event of a loss of the external clock signal, the out-
put voltage may show transient over/undershoot.
If this happens, the ZL2005P will turn off the power
FETs (QH and QL in Figure 4) typically within 10
μS.
Users are discouraged from removing an external
SYNC clock while the ZL2005P is operating with
Enable asserted.
Configuration C: SYNC AUTO DETECT
When the SYNC pin is configured in auto detect mode
(CFG pin is left OPEN), the device will automatically
check for a clock signal on the SYNC pin after enable
is asserted.
If a clock signal is present, The ZL2005P’s oscillator
will then synchronize the rising edge of the external
clock. Refer to SYNC INPUT description.
If no incoming clock signal is present, the ZL2005P
will configure the switching frequency according to
the state of the SYNC pin as listed in Table 16. In this
mode, the ZL2005P will only read the SYNC pin con-
nection during the start-up sequence. Changes to
SYNC pin connections will not affect fSW until the
power (VDD) is cycled off and on.
Table 16. Switching Frequency Selection
If the user wishes to run the ZL2005P at a frequency
other than those listed in Table 16, the switching fre-
quency can be set using an external resistor, RSYNC,
connected between SYNC and SGND using Table 17.
ZL
Logic
high
SYNC
200 kHz – 1.4 MHz
ZL
SYNC
200 kHz – 1.4 MHz
ZL
N/C
SYNC
200 kHz – 1.4 MHz
A) SYNC = output
B) SYNC = input
ZL
N/C
SYNC
ZL
RSYNC
N/C
SYNC
Logic
high
Logic
low
Open
C) SYNC = Auto Detect
OR
OR
SYNC Pin Setting
Frequency
LOW
200 kHz
OPEN
400 kHz
HIGH
1 MHz
Resistor
See Table 17
ZL2005P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com