Electronic Components Datasheet Search
  English  ▼

X  

LT3008 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3008
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3008 Datasheet HTML 9Page - Linear Technology LT3008 Datasheet HTML 10Page - Linear Technology LT3008 Datasheet HTML 11Page - Linear Technology LT3008 Datasheet HTML 12Page - Linear Technology LT3008 Datasheet HTML 13Page - Linear Technology LT3008 Datasheet HTML 14Page - Linear Technology LT3008 Datasheet HTML 15Page - Linear Technology LT3008 Datasheet HTML 16Page - Linear Technology LT3008 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3008 Series
13
3008fa
APPLICATIONS INFORMATION
DC BIAS VOLTAGE (V)
3008 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3008 F04
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 3. Ceramic Capacitor DC Bias Characteristics
Figure 4. Ceramic Capacitor Temperature Characteristics
Because the ADJ pin is relatively high impedance (de-
pending on the resistor divider used), stray capacitances
at this pin should be minimized. Special attention should
be given to any stray capacitances that can couple ex-
ternal signals onto the ADJ pin, producing undesirable
output transients or ripple.
Extra care should be taken in assembly when using high
valued resistors. Small amounts of board contamination
canleadtosignificantshiftsinoutputvoltage.Appropriate
post-assembly board cleaning measures should be
implemented to prevent board contamination. If the
board is to be subjected to humidity cycling or if board
cleaning measures cannot be guaranteed, consideration
should be given to using resistors an order of magnitude
smaller than in Table 1 to prevent contamination from
causing unwanted shifts in the output voltage. A fixed
voltage option in the LT3008 series will not need these
special considerations.
Output Capacitance and Transient Response
The LT3008 is stable with a wide range of output capaci-
tors. The ESR of the output capacitor affects stability, most
notably with small capacitors. Use a minimum output
capacitor of 2.2μF with an ESR of 3
Ω or less to prevent
oscillations. The LT3008 is a micropower device and output
load transient response is a function of output capacitance.
Larger values of output capacitance decrease the peak
deviations and provide improved transient response for
larger load current changes.
Give extra consideration to the use of ceramic capacitors.
Manufacturers make ceramic capacitors with a variety of
dielectrics, each with different behavior across temperature
and applied voltage. The most common dielectrics are
specified with EIA temperature characteristic codes of
Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics
provide high C-V products in a small package at low cost,
but exhibit strong voltage and temperature coefficients as
shown in Figures 3 and 4. When used with a 5V regulator,
a 16V 10μF Y5V capacitor can exhibit an effective value
as low as 1μF to 2μF for the DC bias voltage applied and
over the operating temperature range. The X5R and
X7R dielectrics yield more stable characteristics and are
more suitable for use as the output capacitor. The X7R
type has better stability across temperature, while the
X5R is less expensive and is available in higher values.
One must still exercise care when using X5R and X7R
capacitors; the X5R and X7R codes only specify operating
temperature range and maximum capacitance change
over temperature. Capacitance change due to DC bias
with X5R and X7R capacitors is better than Y5V and Z5U
capacitors, but can still be significant enough to drop
capacitor values below appropriate levels. Capacitor DC
bias characteristics tend to improve as component case
size increases, but expected capacitance at operating
voltage should be verified.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com