Electronic Components Datasheet Search
  English  ▼

X  

LT3070EUFDPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT3070EUFDPBF
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070EUFDPBF Datasheet(HTML) 2 Page - Linear Technology

  LT3070EUFDPBF Datasheet HTML 1Page - Linear Technology LT3070EUFDPBF Datasheet HTML 2Page - Linear Technology LT3070EUFDPBF Datasheet HTML 3Page - Linear Technology LT3070EUFDPBF Datasheet HTML 4Page - Linear Technology LT3070EUFDPBF Datasheet HTML 5Page - Linear Technology LT3070EUFDPBF Datasheet HTML 6Page - Linear Technology LT3070EUFDPBF Datasheet HTML 7Page - Linear Technology LT3070EUFDPBF Datasheet HTML 8Page - Linear Technology LT3070EUFDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3070
2
3070p
IN, OUT ......................................................... 3.3V, –0.3V
BIAS................................................................. 4V, –0.3V
VO2, VO1, VO0 Inputs ........................................ 4V, –0.3V
MARGSEL, MARGTOL Input ............................ 4V, –0.3V
EN Input........................................................... 4V, –0.3V
SENSE Input .................................................... 4V, –0.3V
VIOC, PWRGD Outputs .................................... 4V, –0.3V
REF/BYP Output............................................... 4V, –0.3V
Output Short-Circuit Duration……...................Indefinite
Operating Junction Temperature (Note 2)
LT3070E/LT3070I .............................. –40°C to 125°C
LT3070MP......................................... –55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
9
10
TOP VIEW
29
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
VIOC
PWRGD
REF/BYP
GND
IN
IN
IN
IN
MARGTOL
MARGSEL
GND
SENSE
OUT
OUT
OUT
OUT
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJA = 30°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3070EUFD#PBF
LT3070EUFD#TRPBF
3070
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3070IUFD#PBF
LT3070IUFD#TRPBF
3070
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3070MPUFD#PBF
LT3070MPUFD#TRPBF
070MP
28-Lead (4mm
× 5mm) Plastic QFN
–55°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3070EUFD
LT3070EUFD#TR
3070
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3070IUFD
LT3070IUFD#TR
3070
28-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LT3070MPUFD
LT3070MPUFD#TR
070MP
28-Lead (4mm
× 5mm) Plastic QFN
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com