Electronic Components Datasheet Search
  English  ▼

X  

LT3070EUFDTR Datasheet(PDF) 21 Page - Linear Technology

Part # LT3070EUFDTR
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3070EUFDTR Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3070EUFDTR Datasheet HTML 16Page - Linear Technology LT3070EUFDTR Datasheet HTML 17Page - Linear Technology LT3070EUFDTR Datasheet HTML 18Page - Linear Technology LT3070EUFDTR Datasheet HTML 19Page - Linear Technology LT3070EUFDTR Datasheet HTML 20Page - Linear Technology LT3070EUFDTR Datasheet HTML 21Page - Linear Technology LT3070EUFDTR Datasheet HTML 22Page - Linear Technology LT3070EUFDTR Datasheet HTML 23Page - Linear Technology LT3070EUFDTR Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3070
21
3070p
APPLICATIONS INFORMATION
NC
SGND
PLLLPF
PVIN
PVIN
SW
SW
SW
SW
MODE
CLKIN
PHMODE
NC
TRACK
VFB
PVIN
PVIN
SW
SW
SW
SW
PGOOD
BSEL
MGN
PGND
100μF
6.3V
3
10pF
0.1μF
1Ω
50k
SGND
100pF
15k
LTC3415EUHF
PGND
PGND
0.2μH
PGND
PGND
PGND
PGND
PGND
PVIN
PVIN
RUN
CLKOUT
ITH
ITHM
SVIN
47μF
6.3V
3
BIAS
50k
LT3070
EN
IN
VO2
VO1
47μF
1nF
2.2μF
2.2μF*
0.01μF
1.3V/7A
4.7μF*
10μF*
2.2μF*
4.7μF*
10μF*
PWRGD
P.O.L 1
1V
10A
VOUT = 1.0V/5A
VOUT = 1.0V/5A
RTRACE
2mΩ
CONTROLLED
P.O.L 2
VO0
MARGSEL
MARGTOL
NC
NC
NC
NC
VIOC
SENSE
OUT
VBIAS
3.3V
PWRGD
REF/BYP
GND
RTRACE
2mΩ
CONTROLLED
50k
BIAS
LT3070
EN
IN
VO2
VO1
47μF
1nF
2.2μF
0.01μF
3070 F08
VO0
MARGSEL
MARGTOL
NC
NC
NC
NC
VIOC
SENSE
OUT
PWRGD
REF/BYP
GND
15k
1%
18k
1%
POWER PLANE
NOTE: LTC3415 SWITCHER 2MHz INTERNAL OSCILLATOR
*X5R OR X7R
*X5R OR X7R
Figure 8. 1V, 10A Point-of-Load Current Sharing Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com