Electronic Components Datasheet Search
  English  ▼

X  

CY14B101KA Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY14B101KA
Description  1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101KA Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY14B101KA Datasheet HTML 9Page - Cypress Semiconductor CY14B101KA Datasheet HTML 10Page - Cypress Semiconductor CY14B101KA Datasheet HTML 11Page - Cypress Semiconductor CY14B101KA Datasheet HTML 12Page - Cypress Semiconductor CY14B101KA Datasheet HTML 13Page - Cypress Semiconductor CY14B101KA Datasheet HTML 14Page - Cypress Semiconductor CY14B101KA Datasheet HTML 15Page - Cypress Semiconductor CY14B101KA Datasheet HTML 16Page - Cypress Semiconductor CY14B101KA Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
PRELIMINARY
CY14B101KA/CY14B101MA
Document #: 001-42880 Rev. *C
Page 13 of 29
Register
Description
CY14B101KA
CY14B101MA
0x1FFF8
0x0FFF8
Calibration/Control
D7
D6
D5
D4
D3
D2
D1
D0
OSCEN
0
Calibration
Sign
Calibration
OSCEN
Oscillator Enable. When set to 1, the oscillator is stopped. When set to 0, the oscillator runs.
Disabling the oscillator saves battery or capacitor power during storage.
Calibration
Sign
Determines if the calibration adjustment is applied as an addition (1) to or as a subtraction (0)
from the time-base.
Calibration
These five bits control the calibration of the clock.
0x1FFF7
0x0FFF7
WatchDog Timer
D7
D6
D5
D4
D3
D2
D1
D0
WDS
WDW
WDT
WDS
Watchdog Strobe. Setting this bit to 1 reloads and restarts the watchdog timer. Setting the bit to
0 has no effect. The bit is cleared automatically after the watchdog timer is reset. The WDS bit is
write only. Reading it always returns a 0.
WDW
Watchdog Write Enable. Setting this bit to 1 disables any WRITE to the watchdog timeout value
(D5–D0). This allows the user to set the watchdog strobe bit without disturbing the timeout value.
Setting this bit to 0 allows bits D5–D0 to be written to the watchdog register when the next write
cycle is complete. This function is explained in more detail in Watchdog Timer on page 8.
WDT
Watchdog timeout selection. The watchdog timer interval is selected by the 6-bit value in this
register. It represents a multiplier of the 32 Hz count (31.25 ms). The range of timeout value is
31.25 ms (a setting of 1) to 2 seconds (setting of 3 Fh). Setting the watchdog timer register to 0
disables the timer. These bits can be written only if the WDW bit was set to 0 on a previous cycle.
0x1FFF6
0x0FFF6
Interrupt Status/Control
D7
D6
D5
D4
D3
D2
D1
D0
WIE
AIE
PFE
0
H/L
P/L
0
0
WIE
Watchdog Interrupt Enable. When set to 1 and a watchdog timeout occurs, the watchdog timer
drives the INT pin and the WDF flag. When set to 0, the watchdog timeout affects only the WDF
flag.
AIE
Alarm Interrupt Enable. When set to 1, the alarm match drives the INT pin and the AF flag. When
set to 0, the alarm match only affects the AF flag.
PFE
Power Fail Enable. When set to 1, the power fail monitor drives the INT pin and the PF flag. When
set to 0, the power fail monitor affects only the PF flag.
0
Reserved for future use
H/L
High/Low. When set to 1, the INT pin is driven active HIGH. When set to 0, the INT pin is open
drain, active LOW.
P/L
Pulse/Level. When set to 1, the INT pin is driven active (determined by H/L) by an interrupt source
for approximately 200 ms. When set to 0, the INT pin is driven to an active level (as set by H/L)
until the flags register is read.
0x1FFF5
0x0FFF5
Alarm - Day
D7
D6
D5
D4
D3
D2
D1
D0
M
0
10s Alarm Date
Alarm Date
Contains the alarm value for the date of the month and the mask bit to select or deselect the date
value.
M
Match. When this bit is set to 0, the date value is used in the alarm match. Setting this bit to 1
causes the match circuit to ignore the date value.
Table 4. Register Map Detail (continued)
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com