Electronic Components Datasheet Search
  English  ▼

X  

LT3598 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3598
Description  6-String 30mA LED Driver with 1.5% Current Matching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598 Datasheet(HTML) 4 Page - Linear Technology

  LT3598 Datasheet HTML 1Page - Linear Technology LT3598 Datasheet HTML 2Page - Linear Technology LT3598 Datasheet HTML 3Page - Linear Technology LT3598 Datasheet HTML 4Page - Linear Technology LT3598 Datasheet HTML 5Page - Linear Technology LT3598 Datasheet HTML 6Page - Linear Technology LT3598 Datasheet HTML 7Page - Linear Technology LT3598 Datasheet HTML 8Page - Linear Technology LT3598 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3598
4
3598fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Pin Current
VSHDN = 0V, VIN = 5V
VSHDN = 5V, VIN = 5V
0.1
30
1
60
μA
μA
SHDN Voltage High
1.6
V
SHDN Voltage Low
0.4
V
Soft-Start Charging Current
VSS = 0.1V
5
10
15
μA
PWM Input High Voltage
1V
PWM Input Low Voltage
0.4
V
PWM Pin Bias Current
PWM = 3.3V
0.1
1
μA
SYNC Input High Voltage
1.5
V
SYNC Input Low Voltage
0.4
V
SYNC Pin Bias Current
SYNC = 0V
SYNC = 3.3V
25
0.1
50
1
μA
μA
VO_SW Switch Resistance
1000
Ω
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = VIN unless otherwise noted. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3598E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3598I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: Current flows out of FB pin.
Note 4: Current flows out of CTRL pin.
Note 5: Current limit guaranteed by design and/or correlation to static test.
Current limit is independent of duty cycle and is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com