Electronic Components Datasheet Search
  English  ▼

X  

CY2308SC-2 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2308SC-2
Description  3.3V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SC-2 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2308SC-2 Datasheet HTML 5Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 6Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 7Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 8Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 9Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 10Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 11Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 12Page - Cypress Semiconductor CY2308SC-2 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY2308
Document Number: 38-07146 Rev. *H
Page 9 of 15
Typical Duty Cycle[10] and IDD Trends
[11] for CY2308–1,2,3,4
Notes
10. Duty cycle is taken from typical chip measured at 1.4V.
11. IDD data is calculated from IDD = ICORE + nCVf, where ICORE is the unloaded current.
(n = number of outputs; C = Capacitance load per output (F); V = Voltage Supply (V); f = frequency (Hz).
Duty Cycle Vs VDD
(for 30 pF Loads over Frequency - 3.3V, 25C)
40
42
44
46
48
50
52
54
56
58
60
3
3.1
3.23.3
3.43.5
3.6
VDD (V)
33 MHz
66 MHz
100 MHz
Duty Cycle Vs VDD
(for 15 pF Loads over Frequency - 3.3V, 25C)
40
42
44
46
48
50
52
54
56
58
60
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
33 MHz
66 MHz
100 MHz
133 MHz
Duty Cycle Vs Frequency
(for 30 pF Loads over Temperature - 3.3V)
40
42
44
46
48
50
52
54
56
58
60
20
40
60
80
100
120
140
Frequency (MHz)
-40C
0C
25C
70C
85C
Duty Cycle Vs Frequency
(for 15 pF Loads over Temperature - 3.3V)
40
42
44
46
48
50
52
54
56
58
60
20
40
60
80
100
120
140
Frequency (MHz)
-40C
0C
25C
70C
85C
IDD vs Number of Loaded Outputs
(for 30 pF Loads over Frequency - 3.3V, 25C)
0
20
40
60
80
100
120
140
02
468
N umb er o f Lo ad ed O ut p ut s
33 M Hz
66 M Hz
100 M Hz
IDD vs Number of Loaded Outputs
(for 15 pF Loads over Frequency - 3.3V, 25C)
0
20
40
60
80
100
120
140
0
246
8
N umb er o f Lo ad ed O ut p ut s
33 M Hz
66 M Hz
100 M Hz
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com