Electronic Components Datasheet Search
  English  ▼

X  

UCC1913 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC1913
Description  Negative Voltage Hot Swap Power Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1913 Datasheet(HTML) 3 Page - Texas Instruments

  UCC1913 Datasheet HTML 1Page - Texas Instruments UCC1913 Datasheet HTML 2Page - Texas Instruments UCC1913 Datasheet HTML 3Page - Texas Instruments UCC1913 Datasheet HTML 4Page - Texas Instruments UCC1913 Datasheet HTML 5Page - Texas Instruments UCC1913 Datasheet HTML 6Page - Texas Instruments UCC1913 Datasheet HTML 7Page - Texas Instruments UCC1913 Datasheet HTML 8Page - Texas Instruments UCC1913 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
UCC1913
UCC2913
UCC3913
ELECTRICAL CHARACTERISTICS: Unless otherwise stated these specifications apply for TA = –55°C to +125°C for
UCC1913; –40°C to +85°C for UCC2913; 0°C to +70°C for UCC3913; IVDD = 2mA, CT = 4.7pF, TA = TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Power Limiting Section
VSENSE Regulator Voltage
IPL = 64 A
4.35
4.85
5.35
V
Duty Cycle Control
IPL = 64µA
0.6
1.2
1.7
%
IPL = 1mA
0.045
0.1
0.17
%
Overload Section
Delay to Output
(Note 1)
300
500
ns
Output Sink Current
VSENSE = VIMAX = 300mV
40
100
mA
Threshold
Relative to IMAX
140
200
260
mV
Note 1: Guaranteed by design. Not 100% tested in production.
CT: A capacitor is connected to this pin in order to set the
maximum fault time. The maximum fault time must be
more than the time to charge external load capacitance.
The maximum fault time is defined as:
()
T
CT
I
FAULT
CH
=
•
2
where
IA I
CH
PL
=+
36
µ
,
and IPL is the current into the power limit pin. Once the
fault time is reached the output will shutdown for a time
given by:
TCT
SD =•
•
2 106
IMAX: This pin programs the maximum allowable sour-
cing current. Since VDD is a regulated voltage, a voltage
divider can be derived from VDD to generate the pro-
gram level for the IMAX pin. The current level at which
the output appears as a current source is equal to the
voltage on the IMAX pin over the current sense resistor.
If desired, a controlled current startup can be pro-
grammed with a capacitor on the imax pin, and a pro-
grammed start delay can be achieved by driving the
shutdown with an open collector/drain device into an RC
network.
OUT: Output drive to the MOSFET pass element.
PL: This feature ensures that the average MOSFET
power dissipation is controlled. A resistor is connected
from this pin to the drain of the NMOS pass element.
When the voltage across the NMOS exceeds 5V, current
will flow into the PL pin which adds to the fault timer
charge current, reducing the duty cycle from the 3%
level. When IPL>>36µA then the average MOSFET
power dissipation is given by:
PIMAX
R
FET avg
PL
() =•
•
•
−
110
6
SENSE: Input voltage from the current sense resistor.
When there is greater than 50mV across this pin with re-
spect to VSS, then a fault is sensed, and CT starts to
charge.
SD/FLT: This pin provides fault output indication and
shutdown control. Interface into and out of this pin is usu-
ally performed through level shift transistors. When 20
µA
is sourced into this pin, shutdown drives high causing the
output to disable the NMOS pass device. When opened,
and under a non-fault condition, the SD/FLT pin will pull
to a low state. When a fault is detected by the fault timer,
or undervoltage lockout, this pin will drive to a high state,
indicating the output FET is off.
VDD: Current driven with a resistor to a voltage at least
10V more positive than VSS. Typically a resistor is con-
nected to ground. The 10V shunt regulator clamps VDD
at 10V above the VSS pin, and is also used as an output
reference to program the maximum allowable sourcing
current.
VSS: Ground reference for the IC and the most negative
voltage available.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com