Electronic Components Datasheet Search
  English  ▼

X  

LTC2656 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2656
Description  Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2656 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2656 Datasheet HTML 9Page - Linear Technology LTC2656 Datasheet HTML 10Page - Linear Technology LTC2656 Datasheet HTML 11Page - Linear Technology LTC2656 Datasheet HTML 12Page - Linear Technology LTC2656 Datasheet HTML 13Page - Linear Technology LTC2656 Datasheet HTML 14Page - Linear Technology LTC2656 Datasheet HTML 15Page - Linear Technology LTC2656 Datasheet HTML 16Page - Linear Technology LTC2656 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC2656
13
2656f
Offset Error vs Reference Input
Gain Error vs Reference Input
ICC Shutdown vs VCC
Supply Current vs Logic Voltage
Hardware CLR to Mid-Scale
Hardware CLR to Zero-Scale
LTC2656-16
Multiplying Bandwidth
Large-Signal Response
Mid-Scale Glitch Impulse
REFERENCE VOLTAGE (V)
0.5
0
0.5
1.0
2.5
2656 G24
–0.5
–1.0
–2.0
1.0
1.5
2.0
–1.5
2.0
1.5
VCC = 5.5V
OFFSET ERROR OF 8 CHANNELS
REFERENCE VOLTAGE (V)
0.5
0
16
32
2.5
2656 G25
–16
–32
–64
1.0
1.5
2.0
–48
64
48
VCC = 5.5V
GAIN ERROR OF 8 CHANNELS
VCC (V)
2.5
0
50
150
200
250
4.5
450
2656 G26
100
3.5
3.0
5.0
4.0
5.5
300
350
400
LOGIC VOLTAGE (V)
0
3.2
3.6
4.0
4
2656 G27
2.8
2.4
2.0
1
2
3
5
SWEEP SCK, SDI, CS/LD
BETWEEN 0V AND VCC
VCC = 5V
(LTC2656-H)
VCC = 3V
(LTC2656-L)
VOUT
1V/DIV
CLR
5V/DIV
2656 G28
1μs/DIV
VCC = 5V
VREF = 2.048V
CODE = FULL-SCALE
VOUT
1V/DIV
CLR
5V/DIV
2656 G29
1μs/DIV
VCC = 5V
VREF = 2.048V
CODE = FULL-SCALE
FREQUENCY (Hz)
1k
–4
–2
0
2
4
10k
100k
1M
2656 G30
–6
–8
–10
–12
6
8
VCC = 5V
VREF(DC) = 2V
VREF(AC) = 0.2VP-P
CODE = FULL-SCALE
VOUT
1V/DIV
2656 G31
2.5μs/DIV
VCC = 5V
VREF = 2.048V
ZERO-SCALE TO FULL-SCALE
VOUT
5mV/DIV
VOUT
5mV/DIV
CS/LD
5V/DIV
2656 G32
2μs/DIV
VCC = 5V, 6nV•s TYP
(LTC2656-H16)
VCC = 3V, 3nV•s TYP
(LTC2656-L16)
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com