Electronic Components Datasheet Search
  English  ▼

X  

UCC2913 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  Negative Voltage Hot Swap Power Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2913 Datasheet HTML 1Page - Texas Instruments UCC2913 Datasheet HTML 2Page - Texas Instruments UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
UCC1913
UCC2913
UCC3913
IOUT
IMAX
IFAULT
Io(nom)
0A
VCT
2.5V
0.5V
0V
0V
VOUT
VSS
t0 t1 t2
t3
t4
t5
t6 t7 t8
t9 t10
t
t
t
Output
Current
CT
Voltage
(w/respect to VSS)
Output
Voltage
(w/respect to GND)
APPLICATION INFORMATION (cont.)
Figure 2. Typical timing diagram.
t0: safe condition – output current is nominal, output
voltage is at the negative rail, VSS.
t1: fault control reached – output current rises above
the programmed fault value, CT begins to charge at
≅ 36µA.
t2: max current reached – output current reaches the
programmed maximum level and becomes a con-
stant current with value IMAX.
t3: fault occurs – CT has charged to 2.5V, fault output
goes high, the FET turns off allowing no output cur-
rent to flow, VOUT floats up to ground.
t4: retry – CT has discharged to 0.5V, but fault current
is still exceeded, CT begins charging again, FET is
on, VOUT pulled down to VSS.
t5:
t5 = t3: illustrates 3%duty cycle.
t6:
t6 = t4
t7: output short circuit - if VOUT is short circuited to
ground, CT charges at a higher rate depending
upon the values for VSS and RPL.
t8: fault occurs – output is still short circuited, but the
occurrence of a fault turns the FET off so no current
is conducted.
t9: t9 = t4; output short circuit released, still in fault
mode.
t10: t10 = t0; fault released, safe condition – return to
normal operaton of the circuit breaker.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com