Electronic Components Datasheet Search
  English  ▼

X  

STK17T88 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # STK17T88
Description  32K x 8 AutoStore nvSRAM with Real Time Clock
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK17T88 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button STK17T88 Datasheet HTML 9Page - Cypress Semiconductor STK17T88 Datasheet HTML 10Page - Cypress Semiconductor STK17T88 Datasheet HTML 11Page - Cypress Semiconductor STK17T88 Datasheet HTML 12Page - Cypress Semiconductor STK17T88 Datasheet HTML 13Page - Cypress Semiconductor STK17T88 Datasheet HTML 14Page - Cypress Semiconductor STK17T88 Datasheet HTML 15Page - Cypress Semiconductor STK17T88 Datasheet HTML 16Page - Cypress Semiconductor STK17T88 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
STK17T88
Document Number: 001-52040 Rev. *A
Page 13 of 22
Software STORE
Data can be transferred from the SRAM to the nonvolatile
memory by a software address sequence. The STK17T88
software STORE cycle is initiated by executing sequential E
controlled READ cycles from six specific address locations in
exact order. During the STORE cycle, previous data is erased
and then the new data is programmed into the nonvolatile
elements. Once a STORE cycle is initiated, further memory
inputs and outputs are disabled until the cycle is completed.
To initiate the software STORE cycle, the following READ
sequence must be performed:
1. Read address 0x0E38, Valid READ
2. Read address 0x31C7, Valid READ
3. Read address 0x03E0, Valid READ
4. Read address 0x3C1F, Valid READ
5. Read address 0x303F, Valid READ
6. Read address 0x0FC0, Initiate STORE cycle
Once the sixth address in the sequence has been entered, the
STORE
cycle commences and the chip is disabled. It is
important that READ cycles and not WRITE cycles be used in
the sequence. After the tSTORE cycle time has been fulfilled, the
SRAM is again activated for READ and WRITE operation.
Software RECALL
Data can be transferred from the nonvolatile memory to the
SRAM by a software address sequence. A software RECALL
cycle is initiated with a sequence of READ operations in a man-
ner similar to the software STORE initiation. To initiate the
RECALL
cycle, the following sequence of E controlled READ
operations must be performed:
1. Read address 0x0E38, Valid READ
2. Read address 0x31C7, Valid READ
3. Read address 0x03E0, Valid READ
4. Read address 0x3C1F, Valid READ
5. Read address 0x303F, Valid READ
6. Read address 0x0C63, Initiate RECALL cycle
Internally, RECALL is a two-step procedure. First, the SRAM
data is cleared, and second, the nonvolatile information is trans-
ferred into the SRAM cells. After the tRECALL cycle time, the
SRAM is again ready for READ or WRITE operations. The
RECALL
operation in no way alters the data in the nonvolatile
storage elements.
Data Protection
The STK17T88 protects data from corruption during low-voltage
conditions by inhibiting all externally initiated STORE and
WRITE operations. The low-voltage condition is detected when
VCC<VSWITCH.
If the STK17T88 is in a WRITE mode (both E and W low) at
power up, after a RECALL, or after a STORE, the WRITE is
inhibited until a negative transition on E or W is detected. This
protects against inadvertent writes during power up or brown out
conditions.
Noise Considerations
The STK17T88 is a high-speed memory and so must have a
high-frequency bypass capacitor of 0.1 µF connected between
both VCC pins and VSS ground plane with no plane break to chip
VSS. Use leads and traces that are as short as possible. As with
all high-speed CMOS ICs, careful routing of power, ground, and
signals reduce circuit noise.
Preventing AutoStore
Because of the use of nvSRAM to store critical RTC data, the
AutoStore function can not be disabled on the STK17T88.
Best Practices
nvSRAM products have been used effectively for over 15 years.
While ease-of-use is one of the product’s main system values,
experience gained working with hundreds of applications has
resulted in the following suggestions as best practices:
■ The nonvolatile cells in an nvSRAM are programmed on the
test floor during final test and quality assurance. Incoming
inspection routines at customer or contract manufacturer’s
sites sometimes reprograms these values. Final NV patterns
are typically repeating patterns of AA, 55, 00, FF, A5, or 5A.
End product’s firmware should not assume an NV array is in a
set programmed state. Routines that check memory content
values to determine first time system configuration, cold or
warm boot status, etc. should always program a unique NV
pattern (e.g., complex 4-byte pattern of 46 E6 49 53 hex or
more random bytes) as part of the final system manufacturing
test to ensure these system routines work consistently.
■ Power up boot firmware routines should rewrite the nvSRAM
into the desired state (autostore enabled, etc.). While the
nvSRAM is shipped in a preset state, best practice is to again
rewrite the nvSRAM into the desired state as a safeguard
against events that might flip the bit inadvertently (program
bugs, incoming inspection routines, etc.).
■ The OSCEN bit in the Calibration register at 0x7FF8 should be
set to 1 to preserve battery life when the system is in storage
(see Stopping and Starting the RTC Oscillator on page 14.
■ The VCAP value specified in this datasheet includes a minimum
and a maximum value size. Best practice is to meet this
requirement and not exceed the max VCAP value because the
nvSRAM internal algorithm calculates VCAP charge time based
on this max Vcap value. Customers that want to use a larger
VCAP value to make sure there is extra store charge and store
time should discuss their Vcap size selection with Cypress to
understand any impact on the VCAPvoltage level at the end of
a tRECALL period.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com