Electronic Components Datasheet Search
  English  ▼

X  

UCC2972 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2972
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2972 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2972 Datasheet HTML 1Page - Texas Instruments UCC2972 Datasheet HTML 2Page - Texas Instruments UCC2972 Datasheet HTML 3Page - Texas Instruments UCC2972 Datasheet HTML 4Page - Texas Instruments UCC2972 Datasheet HTML 5Page - Texas Instruments UCC2972 Datasheet HTML 6Page - Texas Instruments UCC2972 Datasheet HTML 7Page - Texas Instruments UCC2972 Datasheet HTML 8Page - Texas Instruments UCC2972 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
UCC1972/3
UCC2972/3
UCC3972/3
TSSOP-8 (TOP VIEW)
PW Package
ABSOLUTE MAXIMUM RATINGS
VBAT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +27V
VDD Maximum Forced Current . . . . . . . . . . . . . . . . . . . . 30mA
Maximum Forced Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 17V
BUCK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –5V to VBAT
MODE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 4.0V
MODE Maximum Forced Current . . . . . . . . . . . . . . . . . . 300
µA
Operating Junction Temperature . . . . . . . . . . –55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Unless otherwise indicated, currents are positive into, negative
out of the specified terminal. Pulse is defined as less than 10%
duty cycle with a maximum duration of 500
µs. Consult Pack-
aging Section of Databook for thermal limitations and consider-
ations of packages. All voltages are referenced to GND.
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS: Unless otherwise specified these specifications hold for TA=0°C to +70°C for the
UC3972/3, –40°C to +85°C for the UC2972/3, and –55°C to +125°C for the UC1972/3; TA=TJ; VDD=VBAT=VBUCK=12V;
MODE=OPEN. For any tests with VBAT>17V, place a 1k resistor from VBAT to VDD.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input supply
VDD Supply Current
VDD = 12V
1
1.5
mA
VBAT = 25V
7
10.5
mA
VBAT Supply Current
VBAT = 12V
30
60
µA
VBAT = 25V
70
140
µA
VDD Regulator Turn-on Voltage
ISOURCE = 2mA to 10mA
17
18
19
V
VDD UVLO Threshold
Low to high
3.6
4
4.4
V
UVLO Threshold Hysteresis
100
200
300
mV
Output Section
Pull Down Resistance
ISINK = 10mA to 100mA
25
50
Ω
Pull Up Resistance
ISOURCE = 10mA to 100mA
25
50
Ω
Output Clamp Voltage
VBAT = 25V, Shunt Regulator on
16
18
V
Output Low
MODE = 0.5V, ISINK = 1mA
0.05
0.2
V
Rise Time
CL = 1nF, Note 1
200
ns
Fall Time
CL = 1nF, Note 1
200
ns
FB
MODE
GND
COMP
VDD
OUT
BUCK
VBAT
1
2
3
4
8
7
6
5
DIL-8 (TOP VIEW)
J, N Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com