Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4615
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 1 Page - Linear Technology

  LTM4615 Datasheet HTML 1Page - Linear Technology LTM4615 Datasheet HTML 2Page - Linear Technology LTM4615 Datasheet HTML 3Page - Linear Technology LTM4615 Datasheet HTML 4Page - Linear Technology LTM4615 Datasheet HTML 5Page - Linear Technology LTM4615 Datasheet HTML 6Page - Linear Technology LTM4615 Datasheet HTML 7Page - Linear Technology LTM4615 Datasheet HTML 8Page - Linear Technology LTM4615 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4615
1
4615f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Triple Output, Low Voltage
DC/DC µModule Regulator
The LTM®4615 is a complete 4A dual output switching mode
DC/DC power supply plus an additional 1.5A VLDO (very
low dropout) linear regulator. Included in the package are
the switching controllers, power FETs, inductors, a 1.5A
regulator and all support components. The dual 4A DC/DC
converters operate over an input voltage range of 2.375V
to 5.5V, and the VLDO operates from a 1.14V to 3.5V input.
The LTM4615 supports output voltages ranging from 0.8V
to 5V for the DC/DC converters, and 0.4V to 2.6V for the
VLDO. The three regulator output voltages are set by a
single resistor for each output. Only bulk input and output
capacitors are needed to complete the design.
The low profile package (2.82mm) enables utilization of
unused space on the bottom of PC boards for high density
point of load regulation. High switching frequency and a
current mode architecture enables a very fast transient
response to line and load changes without sacrificing
stability. The device supports output voltage tracking for
supply rail sequencing.
Additional features include overvoltage protection,
foldback overcurrent protection, thermal shutdown and
programmable soft-start. The power module is offered in
a space saving and thermally enhanced 15mm
× 15mm
× 2.82mm LGA package. The LTM4615 is Pb-free and
RoHS compliant.
n Telecom and Networking Equipment
n Industrial Power Systems
n Low Noise Applications
n FPGA, SERDES Power
n Dual 4A Output Power Supply with 1.5A VLDO™
n Short-Circuit and Overtemperature Protection
n Power Good Indicators
Switching Regulators Section—Current Mode Control
n Input Voltage Range: 2.375V to 5.5V
n 4A DC Typical, 5A Peak Output Current Each
n 0.8V Up to 5V Output Each, Parallelable
n ±2% Total DC Output Error
n Output Voltage Tracking
n Up to 95% Efficiency
n Programmable Soft-Start
VLDO Section
n VLDO, 1.14V to 3.5V Input Range
n VLDO, 0.4V to 2.6V, 1.5A Output
n VLDO, 40dB Supply Rejection at fSW
n ±1% Total DC Output Error
n Small and Very Low Profile Package:
15mm
× 15mm × 2.82mm
1.2V at 4A, 1.5V at 4A and 1V at 1A DC/DC μModule
® Regulator
Efficiency vs Output Current
PGOOD1
PGOOD1
FB1
TRACK1
RUN/SS1
LDO_IN
EN3
GND1
GND2
LTM4615
GND3
VIN1
VIN2
VOUT1
VIN
1.2V
VIN 3V TO 5.5V
10k
10k
100μF
6.3V
100μF
6.3V
22μF
6.3V
10μF
6.3V
22μF
6.3V
10μF
10μF
6.3V
10μF
6.3V
VOUT1
1.2V
4A
VOUT2
1.5V
4A
PGOOD2
PGOOD2
FB2
TRACK2
VIN
RUN/SS2
LDO_OUT
FB3
PGOOD3
PGOOD3
VOUT2
5.76k
10k
4615 TA01a
VOUT3
VOUT3
1V AT 1A
3.32k
10k
LOAD CURRENT (A)
0
83
85
87
4
4615 TA01b
81
79
75
1
2
3
77
91
89
VIN = 3.3V
VOUT2
1.5V
VOUT3
1V
(VIN = 1.2V)
VOUT1
1.2V
L, LT, LTC, LTM, Linear Technology, the Linear logo and μModule are registered trademarks of
Linear Technology Corporation. VLDO is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents including
5481178, 6580258, 6304066, 6127815, 6498466, 6611131, 6724174.


Similar Part No. - LTM4615

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
704Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4615 LINER-LTM4615 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4615 LINEAR_DIMENSIONS-LTM4615 Datasheet
707Kb / 36P
Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4615 LINER-LTM4615 Datasheet
1Mb / 32P
20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
More results

Similar Description - LTM4615

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4627 LINER-LTM4627 Datasheet
372Kb / 28P
15A DC/DC 關Module Regulator
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
Triple Output, Low Voltage DC/DC Module Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
LTM4633 LINER-LTM4633 Datasheet
519Kb / 32P
Triple 10A Step-DownDC/DC 關Module Regulator
LTM4634 LINER-LTM4634 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com