Electronic Components Datasheet Search
  English  ▼

X  

LTM4619 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4619
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4619 Datasheet HTML 4Page - Linear Technology LTM4619 Datasheet HTML 5Page - Linear Technology LTM4619 Datasheet HTML 6Page - Linear Technology LTM4619 Datasheet HTML 7Page - Linear Technology LTM4619 Datasheet HTML 8Page - Linear Technology LTM4619 Datasheet HTML 9Page - Linear Technology LTM4619 Datasheet HTML 10Page - Linear Technology LTM4619 Datasheet HTML 11Page - Linear Technology LTM4619 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM4619
8
4619f
OPERATION
The LTM4619 is a dual-output standalone non-isolated
switching mode DC/DC power supply. It can deliver up to
4A (DC current) for each output with few external input and
output capacitors. This module provides precisely regulated
output voltages programmable via external resistors from
0.8VDC to 5.0VDC over 4.5V to 26.5V input voltages. The
typical application schematic is shown in Figure 18.
The LTM4619 has integrated constant frequency current
mode regulators and built-in power MOSFET devices with
fast switching speed. The typical switching frequency is
780kHz. To reduce switching noise, the two outputs are
interleaved with 180° phase internally and it can be syn-
chronized externally using the PLLIN pin.
With current mode control and internal feedback loop
compensation, the LTM4619 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast current
limit and current foldback in a short-circuit condition.
Internal overvoltage and undervoltage comparators pull
the open-drain PGOOD output low if the output feedback
voltage exits a ±7.5% window around the regulation point.
The power good pin is disabled during start-up.
Pulling the RUN pin below 1.2V forces the controller into
its shutdown state, by turning off both MOSFETs. The
TK/SS pin is used for programming the output voltage ramp
and voltage tracking during start-up. See the Applications
Information section.
The LTM4619 is internally compensated to be stable over
all operating conditions. The Linear Technology μModule
Power Design Tool will be provided for transient and
stability analysis. The VFB pin is used to program the
output voltage with a single external resistor to ground.
Multiphase operation can be easily employed with the
synchronization.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation or pulse-skipping mode
using the MODE pin. Efficiency graphs are provided for
light load operations in the Typical Performance Charac-
teristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com