Electronic Components Datasheet Search
  English  ▼

X  

LTM4615EV Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4615EV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615EV Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4615EV Datasheet HTML 11Page - Linear Technology LTM4615EV Datasheet HTML 12Page - Linear Technology LTM4615EV Datasheet HTML 13Page - Linear Technology LTM4615EV Datasheet HTML 14Page - Linear Technology LTM4615EV Datasheet HTML 15Page - Linear Technology LTM4615EV Datasheet HTML 16Page - Linear Technology LTM4615EV Datasheet HTML 17Page - Linear Technology LTM4615EV Datasheet HTML 18Page - Linear Technology LTM4615EV Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTM4615
15
4615f
TYPICAL APPLICATIONS
Thermal Considerations and Output Current Derating
The power loss curves in Figures 5 and 6 can be used
in coordination with the load current derating curves in
Figures 7 to10 for calculating an approximate
θJA thermal
resistance for the LTM4615 with various heat sinking and
airflow conditions. Both of the LTM4615 outputs are at full
4A load current, and the power loss curves in Figures 5
and 6 are combined power losses plotted for both output
voltages up to 4A each. The VLDO regulator is set to have
a power dissipation of a 0.5W since it is generally used
with dropout voltages of 0.5V or less. For example: 1.2V
to 1V, 1.5V to 1V, 1.5V to 1.2V and 1.8V to 1.5V. Other
drop voltages can be supported at VLDO maximum load,
but further thermal analysis will be required for the VLDO.
The 4A output voltages are 1.2V and 3.3V. These voltages
are chosen to include the lower and higher output voltage
ranges for correlating the thermal resistance. Thermal
models are derived from several temperature measure-
ments in a controlled temperature chamber along with
thermal modeling analysis. The junction temperatures are
monitored while ambient temperature is increased with and
without airflow. The junctions are maintained at ~120°C
while lowering output current or power while increasing
ambient temperature. The 120°C is chosen to allow for
a 5°C margin window relative to the maximum 125°C.
The decreased output current will decrease the internal
module loss as ambient temperature is increased. The
Figure 5. 1.2V Power Loss
Figure 6. 3.3V Power Loss
power loss curves in Figures 5 and 6 show this amount of
power loss as a function of load current that is specified
for both channels. The monitored junction temperature of
120°C minus the ambient operating temperature specifies
how much module temperature rise can be allowed. As an
example in Figure 7 the load current is derated to 3A for
each channel with 0LFM at ~90°C and the power loss for
both channels at 5V to 1.2V at 3A output are ~1.4W, then
include the VDLO power loss of 0.5W to equal 1.9W. If the
90°C ambient temperature is subtracted from the 120°C
maximum junction temperature, then the difference of
30°C divided 1.9W equals a 15.7°C/W thermal resistance.
Table 2 specifies a 15°C/W value which is very close. Table
2 and Table 3 provide equivalent thermal resistances for
1.2V and 3.3V outputs with and without air flow and heat
sinking. The combined power loss for the two 4A outputs
plus the VLDO power loss can be summed together and
multiplied by the thermal resistance values in Tables 2
and 3 for module temperature rise under the specified
conditions. The printed circuit board is a 1.6mm thick
four layer board with two ounce copper for the two outer
layers and 1 ounce copper for the two inner layers. The
PCB dimensions are 95mm
× 76mm. The BGA heat sinks
are listed below Table 3. The data sheet lists the
θJP (Junc-
tion to pin) and
θJC (Junction to case) thermal resistances
under the Pin Configuration diagram.
LOAD CURRENT (A)
0
1.0
1.5
4
4615 F05
0.5
0
1
2
3
2.5
2.0
VIN = 5V
LOAD CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
12
3
4
4615 F06
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com