Electronic Components Datasheet Search
  English  ▼

X  

UCC19413 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC19413
Description  Low Power Synchronous Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC19413 Datasheet(HTML) 2 Page - Texas Instruments

  UCC19413 Datasheet HTML 1Page - Texas Instruments UCC19413 Datasheet HTML 2Page - Texas Instruments UCC19413 Datasheet HTML 3Page - Texas Instruments UCC19413 Datasheet HTML 4Page - Texas Instruments UCC19413 Datasheet HTML 5Page - Texas Instruments UCC19413 Datasheet HTML 6Page - Texas Instruments UCC19413 Datasheet HTML 7Page - Texas Instruments UCC19413 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UCC19411/2/3
UCC29411/2/3
UCC39411/2/3
DIL-8, SOIC-8 (TOP VIEW)
N or J Package, D Package
ABSOLUTE MAXIMUM RATINGS
VIN Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 10V
SD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to VIN
VGD Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 14V
SW Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 15V
Currents are positive into, negative out of the specific terminal.
Consult Packaging Section of the Databook for thermal limita-
tions and considerations of packages.
CT
GND
SW
RESB
1
2
3
4
8
7
6
5
VGD
VOUT
VIN
SD/FB
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS: TJ= 0°C to +70°C for the UCC39411/2/3, TJ = –40°C to +85°C for the
UCC29411/2/3, TJ = –55C to +125°C for the UCC19411/2/3, VIN = 1.25V for UCC39411/2, VIN = 2.5V for the UCC39413, TA=TJ.
UCC39411
UCC39412
UCC39413
UCC19411/2/3
UCC29411/2/3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VIN Section
Minimum Start-up Voltage
No External VGD Load, TJ=25°C,
IOUT=60mA (Note 1)
0.8
1
.08
1
V
No External VGD Load, IOUT=60mA
(Note 1)
0.9
1.1
1.2
1.4
V
Minimum Dropout Voltage
No External VGD Load, IOUT=10mA
(Note 1)
0.5
0.7
V
Input Voltage Range
1.1
3.2
1.3
3.2
V
Quiescent Supply Current
(Note 2)
6
12
8
16
µA
Supply Current at Shutdown
SD = GND
6
12
8
16
µA
SW
VOUT
VGD
GND
1
2
3
4
8
7
6
5
SD/FB
VIN
RESB
CT
TSSOP-8 (TOP VIEW)
PW Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com