Electronic Components Datasheet Search
  English  ▼

X  

UCC2751 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC2751
Description  Single Line Ring Generator Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2751 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2751 Datasheet HTML 1Page - Texas Instruments UCC2751 Datasheet HTML 2Page - Texas Instruments UCC2751 Datasheet HTML 3Page - Texas Instruments UCC2751 Datasheet HTML 4Page - Texas Instruments UCC2751 Datasheet HTML 5Page - Texas Instruments UCC2751 Datasheet HTML 6Page - Texas Instruments UCC2751 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UCC2751
UCC3751
PRELIMINARY
DESCRIPTION
The UCC3751 controller is designed for driving a power stage that gener-
ates low frequency, high voltage sinusoidal signals for telephone ringing
applications. The controller and the power stage are most suitable for sin-
gle line applications where low cost, high efficiency and minimum parts
count are critical. In addition to providing the sinusoidal ringing signal, the
controller and the power stage are designed to provide the required DC
voltage across the output when the phone goes off-hook. The DC voltage
is also added as the offset to the ringing signal. This feature eliminates the
need to have a separate talk battery voltage power supply as well as relays
and drivers to switch between the ringing voltage and the talk battery.
The UCC3751 directly drives primary side switches used to implement a
push-pull resonant converter topology and transformer coupled sampling
switches located on the secondary of the converter. For normal ring signal
generation, the primary switching frequency and secondary sampling fre-
quency are precisely offset from each other by the ringing frequency to pro-
duce a high voltage low frequency alias signal at the output. The off-hook
condition is detected by sensing the AC current and when AC limit is ex-
ceeded, the sampling frequency is set to be equal to the primary switching
frequency to produce a DC output.
The drive signal frequencies are derived from a high frequency (3579545
Hz) crystal. The primary switching frequency is 89.488 kHz and the sam-
pling frequency is 20, 25 or 50 Hz less depending on the status of fre-
quency select pins FS0 and FS1.
Single Line Ring Generator Controller
FEATURES
• Novel Topology for Low-Cost, Efficient
Generation of Ring Voltage
• Provides DC Offset and “Talk Battery”
Voltage for Off-Hook Conditions
• Selectable 20, 25 and 50 Hz Ring
Frequency
• Secondary (AC) Current Limiting
Allows Removal of AC Voltage under
Off-Hook Conditions
• Primary Current Limiting to turn Power
Stage off under Fault Conditions
• Operates from a Single 12V Supply
SLUS267A - JULY 1999
1
10
15
4
ENABLE
VDD
DELAY
XTAL2
6
OHD
2
RINGEN
12
DRVS
9
VS12
5
11
13
DRV1
DCLIM
DRV2
16
XTAL1
8
FS1
7
FS0
14
PGND
3
GND
C
BYP2
SAMPLING
CIRCUIT
C
F
AC SIGNAL
V
OUT
V
1
C
R2
12V
C
DC
D1
DC SIGNAL
Q1
L
IN
V
IN
12V
T1
L
R
L
R
N:1
Q2
R
SENSE
UCC3751
3.579545MHz
C
R1
C
BYP1
TYPICAL APPLICATIONS CIRCUIT
UDG-98047
The circuits described in this datasheet are covered under US Patent #5,663,878 and other patents pending.


Similar Part No. - UCC2751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2751 TI1-UCC2751 Datasheet
2Mb / 9P
Not Recommended for New Design
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 33P
Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511 TI2-UCC27511 Datasheet
1Mb / 40P
UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
REVISED NOVEMBER 2014
More results

Similar Description - UCC2751

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV430 SUTEX-HV430 Datasheet
119Kb / 8P
High Voltage Ring Generator
logo
Texas Instruments
UCC2752 TI-UCC2752 Datasheet
72Kb / 6P
Resonant Ring Generator Controller
logo
Supertex, Inc
HV461 SUTEX-HV461 Datasheet
306Kb / 14P
HV461FG Ring Generator Controller IC
logo
List of Unclassifed Man...
PD5019 ETC1-PD5019 Datasheet
209Kb / 14P
Telephone Ring Generator Controller
logo
Artesyn Technologies
SWG10 ARTESYN-SWG10 Datasheet
43Kb / 2P
DC/AC single output ring generator
SWG30 ARTESYN-SWG30 Datasheet
46Kb / 3P
DC/AC single output ring generator
SWG75 ARTESYN-SWG75 Datasheet
60Kb / 4P
DC/AC single output ring generator
logo
Supertex, Inc
HV461FG-G SUTEX-HV461FG-G Datasheet
798Kb / 14P
Ring Generator Controller IC
HV461 SUTEX-HV461_13 Datasheet
909Kb / 14P
Ring Generator Controller IC
logo
Texas Instruments
UCC2752 TI1-UCC2752_13 Datasheet
95Kb / 7P
Resonant Ring Generator Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com