Electronic Components Datasheet Search
  English  ▼

X  

LTM8025MPV Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8025MPV
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025MPV Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8025MPV Datasheet HTML 2Page - Linear Technology LTM8025MPV Datasheet HTML 3Page - Linear Technology LTM8025MPV Datasheet HTML 4Page - Linear Technology LTM8025MPV Datasheet HTML 5Page - Linear Technology LTM8025MPV Datasheet HTML 6Page - Linear Technology LTM8025MPV Datasheet HTML 7Page - Linear Technology LTM8025MPV Datasheet HTML 8Page - Linear Technology LTM8025MPV Datasheet HTML 9Page - Linear Technology LTM8025MPV Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8025
6
8025f
8025 G22
LOAD CURRENT (mA)
4.0
6.5
7.5
7.0
6.0
5.5
5.0
4.5
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Input Voltage
Output Shorted
Minimum Input Running Voltage
vs VOUT, IOUT = 3A
Minimum Input Voltage vs Load
Current, 3.3VOUT
Minimum Input Voltage vs Load
Current, 5VOUT
Minimum Input Voltage vs Load
Current, 8VOUT
Minimum Input Voltage vs Load
Current, 12VOUT
Minimum Input Voltage vs Load
Current, 18VOUT
Minimum Input Voltage vs Load
Current, –3.3VOUT
Minimum Input Voltage vs Load
Current, –5VOUT
INPUT VOLTAGE (V)
0
600
500
300
200
100
400
0
8025 G19
20
10
30
OUTPUT VOLTAGE (V)
01
40
35
30
20
10
25
15
5
0
14
710 11
8025 G20
15
12
9
813
5
3
26
4
8025 G21
LOAD CURRENT (mA)
3.0
3.5
6.0
5.5
5.0
4.5
4.0
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G25
LOAD CURRENT (mA)
12
32
27
17
22
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G26
LOAD CURRENT (mA)
0
1
2
3
4
5
6
7
10
9
8
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G27
LOAD CURRENT (mA)
0
10
14
12
8
6
4
2
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
TA = 25°C, unless otherwise noted.
8025 G23
LOAD CURRENT (mA)
8.0
10.5
11.0
10.0
9.5
9.0
8.5
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED
8025 G24
LOAD CURRENT (mA)
12
13
14
15
16
17
18
19
22
21
20
0
1000
2000
3000
TO RUN
TO START
RUN/SS CONTROLLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com