Electronic Components Datasheet Search
  English  ▼

X  

UCC281- Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC281-
Description  Low Dropout 1 Ampere Linear Regulator Family
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC281- Datasheet(HTML) 1 Page - Texas Instruments

  UCC281- Datasheet HTML 1Page - Texas Instruments UCC281- Datasheet HTML 2Page - Texas Instruments UCC281- Datasheet HTML 3Page - Texas Instruments UCC281- Datasheet HTML 4Page - Texas Instruments UCC281- Datasheet HTML 5Page - Texas Instruments UCC281- Datasheet HTML 6Page - Texas Instruments UCC281- Datasheet HTML 7Page - Texas Instruments UCC281- Datasheet HTML 8Page - Texas Instruments UCC281- Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UCC281-3/-5/-ADJ
UCC381-3/-5/-ADJ
SLUS214B -JANUARY 2001
FEATURES
• Precision Positive Linear Voltage
Regulation
• 0.5V Dropout at 1A
• Guaranteed Reverse Input/ Output
Voltage Isolation with Low Leakage
• Low Quiescent Current Irrespective of
Load
• Adjustable Output Voltage Version
• Fixed Versions for 3.3V and 5V
Outputs
• Logic Shutdown Capability
• Short Circuit Power Limit of
3%
• VIN • Current Limit
• Remote Load Voltage for Accurate
Load Regulation
DESCRIPTION
The UCC381-3/-5/-ADJ family of positive linear series pass regulators is
tailored for low drop out applications where low quiescent power is impor-
tant. Fabricated with a BiCMOS technology ideally suited for low input to
output differential applications, the UCC381 will pass 1A while requiring
only 0.5V of input voltage headroom. Dropout voltage decreases linearly
with output current, so that dropout at 200mA is less than 100mV. Quies-
cent current is always less than 650
µA. To prevent reverse current conduc-
tion, on-chip circuitry limits the minimum forward voltage to typically 50mV.
Once the forward voltage limit is reached, the input-output differential volt-
age is maintained as the input voltage drops until undervoltage lockout dis-
ables the regulator.
UCC381-3 and UCC381-5 versions have on-chip resistor networks preset
to regulate either 3.3V or 5.0V, respectively. Furthermore, remote sensing
of the load voltage is possible by connecting the VOUTS pin directly at the
load. The output voltage is then regulated to 1.5% at room temperature and
better than 2.5% over temperature. The UCC381-ADJ version has a regu-
lated output voltage programmed by an external user-definable resistor ra-
tio.
(continued)
Low Dropout 1 Ampere Linear Regulator Family
1VOUT
2GND
7
GND
R2
R1
+
–
V
PUMP
UVLO
+
–
8
1.3/2.1A
CURRENT
REFERENCE
VIN
UCC381-ADJ
UCC381-3
UCC381-5
R2
R1
0
OPEN
82k
50k
150k
50k
4
3GND
6
GND
1.25V
VOUTS
VOLTAGE
AMPLIFIER
CURRENT
LIMIT
THERMAL
SHUTDOWN
REVERSE VOLTAGE
SENSE
3% DUTY CYCLE
CURRENT LIMIT TIMER
5
0.65V
CT*
SHUTDOWN FOR FIXED VERSIONS
*ADJ
VERSION
ONLY
BLOCK DIAGRAM
UDG-98112


Similar Part No. - UCC281-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC281-3 TI1-UCC281-3 Datasheet
279Kb / 12P
Low Dropout 1 Ampere Linear Regulator Family
UCC281-3/-5/-ADJ TI2-UCC281-3/-5/-ADJ Datasheet
210Kb / 13P
Low Dropout 1 Ampere Linear Regulator Family
JANUARY 2001
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
Low Dropout 1 Ampere Linear Regulator Family
UCC281-5 TI1-UCC281-5 Datasheet
279Kb / 12P
Low Dropout 1 Ampere Linear Regulator Family
UCC281-ADJ TI1-UCC281-ADJ Datasheet
279Kb / 12P
Low Dropout 1 Ampere Linear Regulator Family
More results

Similar Description - UCC281-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283 TI-UCC283 Datasheet
214Kb / 8P
Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Texas Instruments
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
Low Dropout 1 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com