Electronic Components Datasheet Search
  English  ▼

X  

UCC283 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC283
Description  Low Dropout 3 Ampere Linear Regulator Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC283 Datasheet(HTML) 2 Page - Texas Instruments

  UCC283 Datasheet HTML 1Page - Texas Instruments UCC283 Datasheet HTML 2Page - Texas Instruments UCC283 Datasheet HTML 3Page - Texas Instruments UCC283 Datasheet HTML 4Page - Texas Instruments UCC283 Datasheet HTML 5Page - Texas Instruments UCC283 Datasheet HTML 6Page - Texas Instruments UCC283 Datasheet HTML 7Page - Texas Instruments UCC283 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UCC283-3/-5/-ADJ
UCC383-3/-5/-ADJ
ABSOLUTE MAXIMUM RATINGS
VIN ......................................................... 9V
CT .......................................
−0.3 to 3V
ADJ ......................................
−0.3 to 9V
Storage Temperature ...................
−65°C to +150°C
Junction Temperature ...................
−55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300
°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages. All voltages are
referenced to GND.
CONNECTION DIAGRAMS
TO-263-3 (Front View)
TD Package
TO-263-5 (Front View)
TD Package
TO-220-3 (Front View)
T Package
TO-220-5 (Front View)
T Package
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications hold for TA =0°Cto70°C for the
UCC383-X series,
−40°C to +85°C for the UCC283-X, VVIN =VVOUT + 1.5V, IOUT = 10mA, CIN =10µF, COUT =22µF. For the
283-ADJ, VVIN = 6.5V, CT = 750pF, TJ =TA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UCC283-5 Fixed 5V, 3A Family
Output Voltage
TJ =25°C
4.925
5
5.075
V
Over Temperature
4.875
5.125
V
Line Regulation
VVIN = 5.15V to 9V
2
10
mV
Load Regulation
IOUT = 10mA to 3A
10
20
mV
Dropout Voltage, VDROPOUT =VVIN
− VVOUT IOUT = 3A, VOUT = 4.85V
0.4
0.6
V
IOUT = 1.5A, VOUT = 4.85V
0.2
0.45
V
IOUT = 10mA, VOUT = 4.85V
50
150
mV
Peak Current Limit
VVOUT = 0V
4
5
6.5
A
Overcurrent Threshold
3
4
5.5
A
Current Limit Duty Cycle
VVOUT =0V
3
5
%
Overcurrent Time Out, TON
VVOUT = 0V
400
750
1400
µs
Quiescent Current
No load
400
650
µA
Reverse Leakage Current
0V < VVIN <VVOUT, VVOUT ≤ 5.1V, at VVOUT
075
mA
UVLO
VIN where VOUT passes current
2.6
2.8
3
V
See Note 1
See Note 1
See Note 1
Note 1: Tab = GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com