Electronic Components Datasheet Search
  English  ▼

X  

2SD1651 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SD1651
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SD1651 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SD1651 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1651 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SD1651 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2SD1651
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A , IB=0
800
V
VCEsat
Collector-emitter saturation voltage
IC=4A ;IB=0.8A
3.0
5.0
V
VBEsat
Base-emitter saturation voltage
IC=4A ;IB=0.8A
1.5
V
ICBO
Collector cut-off current
VCB=800V; IE=0
10
μA
ICES
Collector cut-off current
VCES=1500V; RBE=∞
1.0
mA
IEBO
Emitter cut-off current
VEB=4V; IC=0
40
130
mA
hFE
DC current gain
IC=1A ; VCE=5V
8
fT
Transition frequency
IC=1A ; VCE=10V
3
MHz
VF
Diode forward voltage
IF=5A
2.0
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com