Electronic Components Datasheet Search
  English  ▼

X  

27CP Datasheet(PDF) 1 Page - DDK Ltd.

Part # 27CP
Description  75廓 SMB Type Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

27CP Datasheet(HTML) 1 Page - DDK Ltd.

  27CP Datasheet HTML 1Page - DDK Ltd. 27CP Datasheet HTML 2Page - DDK Ltd. 27CP Datasheet HTML 3Page - DDK Ltd. 27CP Datasheet HTML 4Page - DDK Ltd. 27CP Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
●
  ●
27CP Series
●
27CP series are connectors for 75 Ω group of
27DP series (50Ω group).
●
Typical small size 75 Ω connectors useful for
interface within equipment.
●
Provides easy push-pull coupling mechanism.
●
27DP series is not intermateable with.
●
Useful for interface of test instrument, broad
-
casting equipment, CATV and HDTV, atc.
Specifications depends on each connector although these are basic specifications.
Please ask us for the cable assemblies to assure its performance.
75Ω SMB Type Connectors
SPECIFICATION
Characteristic Impedance
75Ω
Dielectric withstanding voltage
1000V AC (rms) for 1 minute
Insulation resistance
1000MΩmin. at 500V DC
Contact resistance
6mΩ max.
VSWR
1.5max. at DC~500MHz
MATERIAL/FINISH
Shell (Body)
Copper alloy/Gold or Nickel plating
Contact (male)
Copper alloy/Gold plating
Contact (female)
Copper alloy/Gold plating
Insulators
PTFE
1


Similar Part No. - 27CP

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27CP-BJ-1.5-CF DDK-27CP-BJ-1.5-CF Datasheet
786Kb / 5P
75 廓 SMB Style Coaxial Connector
27CP-BJ-1.5W-CF DDK-27CP-BJ-1.5W-CF Datasheet
786Kb / 5P
75 廓 SMB Style Coaxial Connector
27CP-BJ-2.5-CF DDK-27CP-BJ-2.5-CF Datasheet
786Kb / 5P
75 廓 SMB Style Coaxial Connector
27CP-BJ-2.5W-CF DDK-27CP-BJ-2.5W-CF Datasheet
786Kb / 5P
75 廓 SMB Style Coaxial Connector
27CP-BR-CF DDK-27CP-BR-CF Datasheet
786Kb / 5P
75 廓 SMB Style Coaxial Connector
More results

Similar Description - 27CP

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
0922B75-37A ANAREN-0922B75-37A Datasheet
729Kb / 4P
Xinger Balun 75廓 to 75廓 Balanced
logo
DDK Ltd.
27DP DDK-27DP Datasheet
256Kb / 9P
SMB Type Connectors
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
75廓 BNC Type Connectors
SSMB75-LR-PC DDK-SSMB75-LR-PC Datasheet
190Kb / 3P
75 SSMB Type Connectors
logo
Pomona Electronics
6752A POMONA-6752A Datasheet
234Kb / 2P
BNC (M) Crimp Type, 75 廓
logo
Pasternack Enterprises,...
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
PE9736 PASTERNACK-PE9736 Datasheet
106Kb / 1P
75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
logo
DDK Ltd.
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
75 廓 SSMB Type Connectors
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
75 廓 SMB Style Coaxial Connector
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
75 廓 SSMB Type Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com