Electronic Components Datasheet Search
  English  ▼

X  

ADL855HD Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADL855HD
Description  Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL855HD Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADL855HD Datasheet HTML 1Page - ADL Embedded Solutions ADL855HD Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5 inch
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
ADL855HD - Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
Item Code
Part #
Description
ADL855HD-373CM
294048
Celeron M, 1.0GHz, 512k Cache
ADL855HD-370CM
294049
Celeron M, 1.5GHz, 1024K Cache
ADL855HD-745PM
294045
Pentium M, 1.8GHz, 2048K Cache
SoDIMM200 DDR SDRAM Memory
DDR-DRAM128-3
994715
128MB DDR 333MHz STD TEMP
DDR-DRAM256-3
994825
256MB DDR 333MHz STD TEMP
DDR-DRAM512-3
994925
512MB DDR 333MHz STD TEMP
DDR-DRAM1024-3
994025
1GB DDR 333MHz STD TEMP
DDR-DRAM512-3EX
994928
512MB DDR333MHz -40°C - +85°C
DDR-DRAM1024-3EX
994028
1GB DDR 333MHz -40°C - +85°C
DDR-ECC512
TBD
512MB ECC DDR333MHz STD TEMP
DDR-ECC1024
TBD
1GB ECC DDR333MHz STD TEMP
DDR-ECC512-EX
995928
512MB ECC DDR333MHz -40°C - +85°C
DDR-ECC1024-EX
995026
1GB ECC DDR333MHz -40°C - +85°C
*More options are available . Please contact your sales representative
The ADL855HD is based on the Intel® Pentium® M / Celeron® M
processors offering clock rates up to 1.8GHz. The Intel® 855GME
chipset (GMCH) supports a 400MHz FSB with integrated Intel®
Graphics controller “Extreme Graphics 2“. It can drive either a DVI/
CRT or LVDS LCD. The memory is added via 2x SODIMM200
sockets and can accept up to 2 Gigabytes of DDR333 SDRAM.
The ADL855HD power management incorporates ACPI/APM func-
tions, which utilizes Intel's Advanced SpeedStep® (Pentium® M only)
feature. The standard ADL855PC also incorporates Mini-PCI Bus,
EIDE, 6xUSB 2.0, 4xRS232 COM ports, PS/2 Keyboard and Mouse,
ELO Touchscreen (USB6), AC97 Sound, separate 10/100MBit and
10/100/100 Mbit Ethernet LAN, hardware monitoring and more.
ADL offers highly effective active and passive cooling solutions
based on proven thermal data and mounting techniques; resulting in
the least possible mechanical board stress. Please contact your
Sales Engineer for detailed information on cooling solutions to fit
your needs.
Ordering Information
Description
Features
• Intel® Pentium® M / Celeron® M, 1.0GHz - 1.8GHz
• Intel® 855GME / ICH4, 400MHz FSB
• Power Management (APM 1.2 plus features)
• Up to 2GB DDR 333Mhz SDRAM
• Four Serial connections
• Onboard DVI Connector
• 10/100 Mbit and 10/100/1000 Mbit Ethernet Ports
• 6 x USB2.0 Ports
• CRT and 18/24 Bit LVDS/TFT Connections
• Mini-PCI Interface
• RTC and Watchdog Timer
• 5VDC, 5VDC Suspend (12VDC for fans)


Similar Part No. - ADL855HD

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADL855HD ADL-ADL855HD Datasheet
480Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
ADL855HD-370CM ADL-ADL855HD-370CM Datasheet
480Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
ADL855HD-373CM ADL-ADL855HD-373CM Datasheet
480Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
ADL855HD-745PM ADL-ADL855HD-745PM Datasheet
480Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
ADL855HD ADL-ADL855HD_15 Datasheet
480Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
More results

Similar Description - ADL855HD

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
MPC-8890 AAEON-MPC-8890 Datasheet
677Kb / 1P
Intel Pentium M or Celeron M Processors
PCM-8300 AAEON-PCM-8300 Datasheet
711Kb / 1P
Intel Pentium M or Celeron M Processors
AEC-6915 AAEON-AEC-6915 Datasheet
307Kb / 2P
4 PCI Mini-size Embedded Controller With Intel Pentium M/ Celeron M Processor
FWS-2300 AAEON-FWS-2300 Datasheet
291Kb / 2P
Desktop Intel Pentium M/ Celeron M Network Appliance With 4 LAN Ports
FWS-7300 AAEON-FWS-7300 Datasheet
491Kb / 2P
1U Intel Pentium M/ Celeron M Network Appliance With 8 LAN & PCI Expansion Slots
XTX-915 AAEON-XTX-915 Datasheet
206Kb / 1P
Intel Pentium M/ Celeron짰 M Processors
logo
ADL Embedded Solutions
ADL855PC ADL-ADL855PC_17 Datasheet
456Kb / 2P
ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
logo
Advantech Co., Ltd.
SOM-7568 ADVANTECH-SOM-7568 Datasheet
823Kb / 2P
Intel Pentium/Celeron N3000 Series
MIO-2360 ADVANTECH-MIO-2360 Datasheet
929Kb / 2P
Intel Pentium N4200/Celeron N3350/
logo
ADL Embedded Solutions
ADL855HD ADL-ADL855HD_15 Datasheet
480Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com