Electronic Components Datasheet Search
  English  ▼

X  

ADLPS104CF Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLPS104CF
Description  Power Supply with CF Socket PC/104
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLPS104CF Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLPS104CF Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADL PC/104
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Description
The ADLPS104CF power supply is designed specifically
with the ADL855PC product in mind. You can also use the
power supply for other CPU’s as well. The ADLLPS104CF
has a direct connection to a modified ADL PCU boar on the
ID port to allow for direct connection to the CF without ca-
bles.
The ADLPS104CF can supply 15A @ 5VDC (output) at
room temperature without needing cooling. If additional
cooling is a necessary it will be easy to place a heat sink on
the board. Standard temperature range (ambient) of up to
–40C to +85C.
For more options, please contact your local sales office.
Ordering Information
Item Codes
Part#
Description
ADLPS104CF
293017
ADLPS104CF, Power supply & CF board
Technical Specifications
FEATURES
FUNCTIONS
Function
Power supply & CF board
Input Voltage
From 7V up to 28V over 4 pin
Input Connector
MSTBA2.5/4-G-5.08
Output voltage
5V up to 10 amp without cooling
5V up to 20 amps with additional cooling
PGood
TTL compatible
Output connector
MSTBA2.5/4-G-5.08 (5pin)
PC/104
PC/104+
Extended Temperature
–40°C to +85°C
MTBF
300,000h
ADLPS104CF - Power Supply with CF Socket PC/104+
Features
• Input Voltage Filtering
• Up to 2CFA2.1 Compact Flash Socket
• Battery Option
• Direct Connect to ADL855PC Possible
• Power Reset
• Hard Disk LED
• Input Crowbar


Similar Part No. - ADLPS104CF

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF Datasheet
447Kb / 1P
PC/104 Peripherals
ADLPS104CF ADL-ADLPS104CF Datasheet
278Kb / 3P
PC/104-Plus
ADLPS104CF-HS ADL-ADLPS104CF-HS Datasheet
447Kb / 1P
PC/104 Peripherals
ADLPS104CF ADL-ADLPS104CF_15 Datasheet
447Kb / 1P
PC/104 Peripherals
More results

Similar Description - ADLPS104CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE104 ETC-HE104 Datasheet
106Kb / 1P
PC/104 High Efficiency Vehicle Power Supply
logo
Total Power Internation...
TP-DMP-0070 TOTAL-POWER-TP-DMP-0070 Datasheet
125Kb / 2P
NEW PC 104 POWER SUPPLY TP-DMP-0070 PC 104 Power Supply
logo
Intel Corporation
EM104P-I6023 INTEL-EM104P-I6023 Datasheet
88Kb / 1P
Intel Ultra Low Voltage Celeron 400 PC/104 Board with VGA/LCD, TV-out, CF, PC/104 & PC/104-Plus
logo
Advantech Co., Ltd.
PCM-3342 ADVANTECH-PCM-3342 Datasheet
311Kb / 2P
x86 SoC PC/104 with VGA, LCD, LAN, USB, SATA, CF, PC/104
PCM-9342 ADVANTECH-PCM-9342 Datasheet
317Kb / 2P
X86 SoC 3.5" SBC with VGA, LCD, LAN, USB, SATA, CF, PC/104
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
logo
Advantech Co., Ltd.
PCM-3343 ADVANTECH-PCM-3343 Datasheet
613Kb / 2P
DM&P Vortex86DX-800MHz PC/104 SBC, LCD,Ethernet, CF, Onboard Memory,
PCM-3343EL-256A1E ADVANTECH-PCM-3343EL-256A1E Datasheet
613Kb / 2P
DM&P Vortex86DX-800MHz PC/104 SBC, LCD, Ethernet, CF, Onboard Memory
logo
Total Power Internation...
PC10 TOTAL-POWER-PC10 Datasheet
129Kb / 2P
NEW PC 104 POWER SUPPLY
logo
AAEON Technology
PFM-P13DW2 AAEON-PFM-P13DW2 Datasheet
192Kb / 1P
PC/104 Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com