Electronic Components Datasheet Search
  English  ▼

X  

MSB200 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSB200
Description  3.5-inch Intel Atom 1.1GHz - 1.6GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSB200 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSB200 Datasheet HTML 1Page - ADL Embedded Solutions MSB200 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5-inch
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSB200 - 3.5-inch Intel Atom 1.1GHz - 1.6GHz
Features
•
Intel Atom Z510 / Z530 1.1GHz - 1.6GHz
•
Intel US15W System Controller Hub (SCH)
•
512MB - 2GB Soldered DDR2 DRAM
•
Onboard CF II socket (PATA)
•
2x SATA
•
Onboard DVI
•
LVDS Interface (optional)
•
10/100 Ethernet LAN
•
Gigabit Ethernet LAN
•
PCIe Minicard slot
•
3.5-inch form factor
Item Code
Part #
Description
MSB200-11G-05GB
802273
Z510, 512MB
MSB200-11G-1GB
802274
Z510, 1GB
MSB200-11G-2GB
802275
Z510, 2GB
MSB200-16G-05GB
802270
Z530, 512MB
MSB200-16G-1GB
802271
Z530, 1GB
MSB200-16G-2GB
802272
Z530, 2GB
MSB200CON
802277
Connectorboard f. MSB200 DSub
to COM1 and LPT1
MSB200CK
802218
Cableset: 2xSATA (30cm) 1x
COM2 (30cm) to DSub9
PowerSupply 19V/60W
812029
ACin:110-240V 60W Uout:19V
3Amp. without: powercord (order
U.S. Power Cable
100-9639
U.S. Power cable (spare)
MSB200 Heatspreader
807046
Thermal conduct. cooling 146x
102x 4mm
Option: MSB200-LVDS
802276
LVDS Connector mounted
Option P+
807005
PC/104plus Connector added
Base
Base Options / Accessories
The MICROSPACE® MSB200 3.5“ single board computer is based on
Intel‘s latest Atom processor (Z510 / Z530) and has all of the standard
PC interfaces plus a second Ethernet LAN and a stereo sound controller.
In contrast to the PC/104-Plus cards, all interfaces are connected using
standard plugs; this means low-cost cable-free housing integration. The
PCI/104 bus (32bit PCI), MiniPCI socket and 6 USB interfaces are avail-
able as optional functional extensions. A wide range power feed is also
onboard so that cost-effective power supply units can be used.
Ordering Information
Description


Similar Part No. - MSB200

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MSB201S RECTRON-MSB201S Datasheet
210Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB201S RECTRON-MSB201S Datasheet
196Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB201S-T-A01 RECTRON-MSB201S-T-A01 Datasheet
196Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB202S RECTRON-MSB202S Datasheet
196Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB202S RECTRON-MSB202S Datasheet
210Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
More results

Similar Description - MSB200

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
ISA-588LF PROTECHSYSTEMS-ISA-588LF Datasheet
756Kb / 2P
Intel Atom N270 (1.6GHz) CPU on board
logo
AAEON Technology
GENE-U15B AAEON-GENE-U15B Datasheet
426Kb / 2P
3.5??SubCompact Board with Intel Atom Z5x0P Processor
logo
ADL Embedded Solutions
ADLN2000PC ADL-ADLN2000PC Datasheet
215Kb / 2P
Intel Atom N2600, 1.60 GHz, 3.5 Watts
ADLS15HD ADL-ADLS15HD Datasheet
229Kb / 2P
Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
logo
AAEON Technology
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
3.5??SubCompact Board With Onboard Intel Atom N270 Processor
logo
Protech Systems Co., Lt...
EB-581LF PROTECHSYSTEMS-EB-581LF Datasheet
578Kb / 2P
Intel Atom??Z510/ Z530 3.5" Embedded Board
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
3.5" SBC supports Intel Atom?
logo
ADL Embedded Solutions
ADLS15HD ADL-ADLS15HD_15 Datasheet
557Kb / 2P
Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
logo
DFI Inc
BT551 DFI-BT551 Datasheet
853Kb / 2P
Intel Atom E3800 Series 3.5
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com