Electronic Components Datasheet Search
  English  ▼

X  

MSB800 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSB800
Description  3.5-inch LX800 500MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSB800 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSB800 Datasheet HTML 1Page - ADL Embedded Solutions MSB800 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5-inch
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSB800 - 3.5-inch LX800 500MHz
Features
•
AMD LX800 GEODE Processor, 500MHz
•
128MB to 1GB DDR SoDIMM
•
Dual 10/100 Ethernet LAN
•
CF II Compact Flash Socket
•
Mini-PCI Socket
•
Video Input
•
PCI-104 Header
•
LVDS Interface (optional)
•
3.5-inch Form Factor
The MICROSPACE® MSB800 3.5" single board computer has all of the
standard PC interfaces plus a second ethernet LAN, video input for a
video camera, and stereo sound controller. In contrast to the PC/104-Plus
cards, all interfaces are connected to standard plugs; this means low-
cost, cable free housing integration. The PCI/104 bus (32 bit PCI),
MiniPCI base and 4 USB interfaces are available as functional exten-
sions. Wide range power supply is also onboard so that cost-effective
power supply units can be used.
Ordering Information
Description
Item Code
Part #
Description
Base
MSB800
802200
LX800, 500MHz, video input,
without cooler
MSB800LVDS
802204
LX800, 500MHz, no video input,
with LVDS, without cooler
Memory Options
SODIMM DDR 128MB
994715
333MHz 200pin noECC
SODIMM DDR 256MB
994825
333MHz 200pin noECC
SODIMM DDR 512MB
994925
333MHz 200pin noECC
SODIMM DDR 1GB
994025
333MHz 200pin noECC
Accessories
MSB800CON
802205
Connectorboard f. MSB800 DSub
to COM1 and LPT1
MSB800CK
802208
Cableset: 1xIDE (20cm) 1x COM2
(30cm) to DSub9
MSB800 Heatspreader
807045
Thermal conduct. cooling (not with
802204)
PowerSupply 19V/60W
812029
ACin:110-240V 60W Uout:19V
3Amp.without: powercord (order
no. 100-9639)
U.S. Power Cable
100-9639
U.S. Power Cable (spare)


Similar Part No. - MSB800

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB81C MICRO-ELECTRONICS-MSB81C Datasheet
49Kb / 1P
RED LED LAMPS
MSB81CA MICRO-ELECTRONICS-MSB81CA Datasheet
51Kb / 1P
BRIGHTNESS RED LED LAMP
MSB81CA-1 MICRO-ELECTRONICS-MSB81CA-1 Datasheet
51Kb / 1P
BRIGHTNESS RED LED LAMP
MSB81CA-2 MICRO-ELECTRONICS-MSB81CA-2 Datasheet
51Kb / 1P
BRIGHTNESS RED LED LAMP
MSB81CA-3 MICRO-ELECTRONICS-MSB81CA-3 Datasheet
51Kb / 1P
BRIGHTNESS RED LED LAMP
More results

Similar Description - MSB800

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSB200 ADL-MSB200 Datasheet
205Kb / 2P
3.5-inch Intel Atom 1.1GHz - 1.6GHz
logo
Advantech Co., Ltd.
PCM-9375 ADVANTECH-PCM-9375 Datasheet
356Kb / 2P
3.5" SBC w/ AMD LX800, VGA, LVDS, LCD
PCM-9375 ADVANTECH-PCM-9375_12 Datasheet
1Mb / 2P
AMD Geode??LX800 3.5" SBC, VGA, LVDS, LCD, Dual Ethernet, IDE, SATA, PC/104
logo
AAEON Technology
GENE-5315W1 AAEON-GENE-5315W1 Datasheet
394Kb / 1P
3.5??SubCompact Board with Onboard AMD Geode Tm LX800 Processor
logo
Advantech Co., Ltd.
PCM-9375 ADVANTECH-PCM-9375_15 Datasheet
788Kb / 2P
AMD Geode??LX800 3.5" SBC, VGA,LVDS/TTL, Dual Ethernet, IDE, CF, PC/104
logo
Axiomtek Co., Ltd.
SBC84622 AXIOMTEK-SBC84622_17 Datasheet
123Kb / 1P
3.5 Embedded SBC with AMD LX800, Dual LANs, 4 COM, 4 USB 2.0
logo
ADL Embedded Solutions
ADL3GQM67HDS ADL-ADL3GQM67HDS Datasheet
568Kb / 2P
PCI Express 3.5-inch SBC
ADLQM67HDS ADL-ADLQM67HDS_15 Datasheet
567Kb / 2P
PCI Express 3.5-inch SBC
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
AMD Geode??LX800 3.5
21-Mar-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com