Electronic Components Datasheet Search
  English  ▼

X  

MSMFW104EX Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMFW104EX
Description  Firewall Board with two 1394B & one 1394A Connections
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMFW104EX Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMFW104EX Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI/104-Express
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSMFW104EX – Firewall Board with two 1394B & one 1394A Connections
Features
•
2x IEEE1394B (800 MB/s)
•
1x IEEE1394A (400 MB/s)
•
PCI-104 Pass Through Connector
Item Code
Part #
Description
MSMFW104EX
801752
with PC/104+ connector, One
1394A, Two 1394B ports
Technical Specifications
Description
FEATURE
MSMFW104EX
Part no. (PCIe + PCI)
801752
Function
FireWire IEEE1394B
ISA-BUS
-
PCI-BUS
pass-through PCI-104
PCI Express-BUS
yes 1x lane
BUS compatibility
PCI/104-Express
Controller
TI
PCIe switch
-
1st interface (standard)
1x IEEE1394A
2nd interface (alternative)
2x IEEE1394B
3rd interface
-
Power normal (typ.)
5V 3.3V/1W
Power management
12V
Operating temperature
-25°C to +70°C
Extended operating temperature -40°C to +70°C
Size (W x L x H in mm)
90 x 96 x 17
Weight
75 g
Software support
WINXP Linux
MTBF
200‘000h
Bandwidth (max.)
800/400
Special features 2
-
Special features 3
-
Accessories
Ordering Guide
The MICROSPACE® PCI/104-Express MSMFW104EX ex-
pansion card has a PCIe FireWire controller which has 2x
1EEE1394B and 1x 1EEE1394A connections.


Similar Part No. - MSMFW104EX

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MSMF05 PROTEC-MSMF05 Datasheet
100Kb / 4P
STANDARD TVS ARRAY
MSMF05 PROTEC-MSMF05 Datasheet
518Kb / 6P
MULTI-LINE TVS ARRAY
MSMF05C PROTEC-MSMF05C Datasheet
101Kb / 4P
STANDARD TVS ARRAY
MSMF05C PROTEC-MSMF05C Datasheet
74Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
MSMF05C PROTEC-MSMF05C Datasheet
540Kb / 6P
MULTI-LINE TVS ARRAY
More results

Similar Description - MSMFW104EX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
IEEE 1394a-2000 ONE-PORT CABLE
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
logo
Molex Electronics Ltd.
130177-0011 MOLEX11-130177-0011 Datasheet
23Kb / 1P
Aero-Motive Static Discharge Grounding Reel with two Ground Connections
1301770011 MOLEX11-1301770011 Datasheet
52Kb / 1P
Aero-Motive Static Discharge Grounding Reel with two Ground Connections
logo
Maxim Integrated Produc...
MAX38902EVKIT MAXIM-MAX38902EVKIT Datasheet
1Mb / 7P
Two Independent Circuits on One Board
Rev 0; 11/17
logo
PHOENIX CONTACT
2891165 PHOENIX-2891165 Datasheet
88Kb / 4P
Patch field with two RJ45 CAT5e network connections
logo
Texas Instruments
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
logo
Maxim Integrated Produc...
MAX25300EVKIT MAXIM-MAX25300EVKIT Datasheet
670Kb / 7P
Two Independent Circuits on One Board
Rev 0; 8/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com