Electronic Components Datasheet Search
  English  ▼

X  

UCC38531 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC38531
Description  Universal Serial Bus Power Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC38531 Datasheet(HTML) 2 Page - Texas Instruments

  UCC38531 Datasheet HTML 1Page - Texas Instruments UCC38531 Datasheet HTML 2Page - Texas Instruments UCC38531 Datasheet HTML 3Page - Texas Instruments UCC38531 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
UCC38531
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Currents
VHUB Supply Current
No External Load on V33
1
3
mA
VFIL Supply Current
13
mA
Reference
VREF Voltage
Over Temperature
2.35
2.5
2.65
V
Line Regulation
VHUB = 4.5V to 9V
3
10
mV
3.3V Regulator
V33 Voltage
TJ = 25°C, ILOAD = 10mA
3.2
3.3
3.4
V
0mA to 100mA, 0°C to 125°C, VHUB = 4.5V to 9V
3.165
3.3
3.435
V
Short Circuit Current Limit
VHUB = 6V, Output shorted to Ground
100
120
150
mA
5V Regulator
V5A-D Voltage
TJ = 25°C, ILOAD = 250mA, VREG = 5.5V
4.85
5
5.15
V
0mA to 500mA, 0°C to 125°C
4.8
5
5.2
V
Short Circuit Current Limit
VREG = 5.5V, Output Shorted to Ground
500
600
750
mA
Charge Pump
Quiescent Output Voltage
TJ = 25°C, VFIL = 6V, ENA-D = 5V, ENHUB = 5V
11
11.45
12
V
0°C to 125°C, VFIL = 6V
10.5
11.45
12
V
Output Impedance
915
k
Ω
Enable Inputs
ENA-D Inputs - Guaranteed Low
0.7
V
ENA-D Inputs - Guaranteed High
3
V
Overcurrent Signals
Active Sink Current
IOCX =100
mA
140
500
mV
ELECTRICAL CHARACTERISTICS Unless otherwise specified, TJ = 0°C to 125°C for the UCC38531. VFIL = 6.5V,
VHUB = 5V. TA =TJ.
ABSOLUTE MAXIMUM RATINGS
VFIL ............................................9V
VCON Supply Votage ..............................9V
Logic Inputs (ENA-D)
Maximum Forced Voltage ................. –0.3V to 7V
Maximum Forced Current ......................
±1mA
V33
Maximum Forced Voltage.........................5V
Maximum Current ........................... 200mA
V5A-D
Maximum Voltage ...............................9V
Maximum Current ........................... 750mA
Storage Temperature ...................
−65°C to +150°C
Junction Temperature ................... –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300°C
Unless otherwise indicated, voltages are reference to ground.
Pulsed is defined as a less than 10% duty cycle with a maximum
duration of 500
µS. Currents are positive into, negative out of the
specified terminal. All voltages are with respect to ground. Con-
sult Packaging Section of Databook for thermal limitations and
considerations of packages.
CONNECTION DIAGRAM
OCA
ENA
VSA
V5D
VREG
VDRIVE
OCC
VC5
ENC
VREG
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OCB
GND
OCD
V5B
VREF
VFIL
END
ENB
V33
VHUB
DIP-20 (Top View)
N Package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com