Electronic Components Datasheet Search
  English  ▼

X  

MSMPS104 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMPS104
Description  Power Supply, 15-28VDC in, 5V 10A out, 12V 1.5A out
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMPS104 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMPS104 Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC/104 Peripherals
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSMPS104 - Power Supply, 15-28VDC in, 5V 10A out, 12V 1.5A out
Features
•
Wide range power supply
•
UPS function with accumulator
Item Code
Part #
Description
MSMPS104
806032
Power Supply, 15-28VDC in, 5V
10A out, 12V 1.5A out
Technical Specifications
Description
FEATURE
MSMPS104
Part no. (ISA + PCI)
806032
Function
Power supply
ISA-BUS
-
PCI-BUS
-
PCI Express-BUS
-
BUS compatibility
-
Controller
-
Memory
-
1st interface
Supply input 15-30V DC
2nd interface
-
3nd interface
-
Power normal
-
Power management
-
Operating temperature
-25°C to + 60°C
Extended operating temperature -
Size (W x L x H in mm)
90 x 96 x 17
Weight
120 g
Software support
-
MTBF
100'000h
Special features 1
Output1: 5V, 15A
Special features 2
Output2: 12V, 1.8A
Ordering Information
The MICROSPACE® PC/104 extension card MSMPS104
has multiple output voltages of 5V and 12V and are gener-
ated from an input voltage of 15 to 30V. The card may be
connected via the ISA bus, however for high current de-
mand processors it is recommended to use the terminal
blocks provided with the MSMPS104.
Note: not recommended for new designs. For new designs
please consider the MSMPS104A.


Similar Part No. - MSMPS104

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMPS104A ADL-MSMPS104A Datasheet
188Kb / 1P
Power Supply, 8-20VDC in, 5V 10A out, 12V 1A out
MSMPS104B ADL-MSMPS104B Datasheet
188Kb / 1P
Power Supply, 20-55VDC in, 5V 10A out, 12V 1A out
More results

Similar Description - MSMPS104

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
logo
Astec America, Inc
AA25N-048L-050S ASTEC-AA25N-048L-050S Datasheet
168Kb / 4P
36-75V in; 5V/5A out
logo
ADL Embedded Solutions
MSMPS104A ADL-MSMPS104A Datasheet
188Kb / 1P
Power Supply, 8-20VDC in, 5V 10A out, 12V 1A out
MSMPS104B ADL-MSMPS104B Datasheet
188Kb / 1P
Power Supply, 20-55VDC in, 5V 10A out, 12V 1A out
logo
Delta Electronics, Inc.
E48SP DELTA-E48SP Datasheet
474Kb / 15P
48V in, 12V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
logo
Micro Analog systems
MAS9171A MAS-MAS9171A Datasheet
102Kb / 9P
Parallel In, Parallel Out
logo
Maxim Integrated Produc...
MAX14699EVKIT MAXIM-MAX14699EVKIT Datasheet
666Kb / 7P
Connect 5V on IN. Verify OUT is 5V and LED1 is on.
Rev 0; 11/16
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
logo
Murrelektronik GmbH
85394 MURR-85394 Datasheet
89Kb / 2P
IN:23-30 VDC OUT:22-28VDC/20A for 200ms
Version: 2023-06-22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com