Electronic Components Datasheet Search
  English  ▼

X  

MSMPS104B Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMPS104B
Description  Power Supply, 20-55VDC in, 5V 10A out, 12V 1A out
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMPS104B Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMPS104B Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC/104 Peripherals
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSMPS104B - Power Supply, 20-55VDC in, 5V 10A out, 12V 1A out, EN50155
Features
•
Wide range power input 20-55V, (68Vin peak
@ 2 sec.)
•
UPS FUNCTION with battery 12V/2Ah
•
Performance 75W
•
E1, EN50155
•
5V/12V outputs
•
Reverse polarity protection and overload
protection
Item Code
Part #
Description
MSMPS104B
806042
Power Supply, 20-55VDC in, 5V
10A out, 12V 1A out, EN50155
PS12BAT
806044
Rechargable lead battery pack,
12V/2Ah (to be used
w/MSMPS104B)
PSCS-cooler
806046
Heatpipe cooling solution for
MSMPS104A/B
Technical Specifications
Description
FEATURE
MSMPS104B
Part no.
806042
Function
Power supply, UPS option
ISA-BUS
not mounted
Protective features
Reverse polarity, Fuse, Overload
Charger regulator interface
COM/SMB interface
Controller
Battery controller, monitor
Vinput (typ.)
24, 36, 42, 48V (20-55V)
1st output
5V, 10Amp
2nd output
12V, 1Amp
Power normal
75W, n=80%
Power monitoring
Uin, Uout, Charger
Remote on/off input
optoisolated (ignition)
Operating temperature
-25°C to +60°C
Extended operating temperature -40°C to +85°C*
Size (W x L x H in mm)
90 x 96 x 17
Weight
100 g
Software support
UPS management
MTBF
100'000h
Load voltage range
20V-55V
Rechargeable battery
Pb Pb-Gel
Complies to
EN50155, IEC62040-3, e1
*reduced power to 50W
Ordering Information
The MSMPS104B MICROSPACE® PC104 expansion card
has 5V and 12V outputs available, with an input voltage
range of 20-55V. Furthermore, a rechargeable lead-acid
battery can be connected which serves as a back-up
power supply in case of power failure. A microcontroller
provides for a monitored recharge of the battery.


Similar Part No. - MSMPS104B

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMPS104 ADL-MSMPS104 Datasheet
185Kb / 1P
Power Supply, 15-28VDC in, 5V 10A out, 12V 1.5A out
MSMPS104A ADL-MSMPS104A Datasheet
188Kb / 1P
Power Supply, 8-20VDC in, 5V 10A out, 12V 1A out
More results

Similar Description - MSMPS104B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
logo
Astec America, Inc
AA25N-048L-050S ASTEC-AA25N-048L-050S Datasheet
168Kb / 4P
36-75V in; 5V/5A out
logo
ADL Embedded Solutions
MSMPS104 ADL-MSMPS104 Datasheet
185Kb / 1P
Power Supply, 15-28VDC in, 5V 10A out, 12V 1.5A out
MSMPS104A ADL-MSMPS104A Datasheet
188Kb / 1P
Power Supply, 8-20VDC in, 5V 10A out, 12V 1A out
logo
Delta Electronics, Inc.
E48SP DELTA-E48SP Datasheet
474Kb / 15P
48V in, 12V/20A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
logo
Micro Analog systems
MAS9171A MAS-MAS9171A Datasheet
102Kb / 9P
Parallel In, Parallel Out
logo
Maxim Integrated Produc...
MAX14699EVKIT MAXIM-MAX14699EVKIT Datasheet
666Kb / 7P
Connect 5V on IN. Verify OUT is 5V and LED1 is on.
Rev 0; 11/16
logo
Excelliance MOS Corp.
EM5810 EXCELLIANCE-EM5810 Datasheet
367Kb / 10P
10A 5V/12V Step-Down Converter
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com