Electronic Components Datasheet Search
  English  ▼

X  

UCC3911 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3911
Description  Lithium-Ion Battery Protector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3911 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3911 Datasheet HTML 1Page - Texas Instruments UCC3911 Datasheet HTML 2Page - Texas Instruments UCC3911 Datasheet HTML 3Page - Texas Instruments UCC3911 Datasheet HTML 4Page - Texas Instruments UCC3911 Datasheet HTML 5Page - Texas Instruments UCC3911 Datasheet HTML 6Page - Texas Instruments UCC3911 Datasheet HTML 7Page - Texas Instruments UCC3911 Datasheet HTML 8Page - Texas Instruments UCC3911 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UCC3911-1, UCC3911-2
UCC3911-3, UCC3911-4
SLUS429B– FEBRUARY 2000 – REVISED NOVEMBER 2002
LITHIUMION AND LITHIUMPOLYMER
BATTERY PROTECTOR
1
www.ti.com
FEATURES
D Protects Sensitive Lithium-Ion and
Lithium-Polymer Cells from Overcharging
and Overdischarging
D Used for Two-Cell Battery Packs
D No External FETs Required
D Provides Protection Against Battery Pack
Output Short Circuit
D Extremely Low Power Drain on Batteries of
About 20
µA
D Low Internal FET Switch Voltage Drop
D User Controllable Delay for Tripping Short
Circuit Current Protector
D 3-A Current Capacity
APPLICATIONS
D PDA, Camcorder, Digital Camera, Private
Mobile Radio
SIMPLIFIED APPLICATION DIAGRAM
DESCRIPTION
The UCC3911 is a two-cell lithium-ion (Li-Ion) and
lithium-polymer (Li-Pol) battery pack protector
device that incorporates an on-chip series FET
switch thus reducing manufacturing costs and
increasing
reliability.
The
device’s
primary
function is to protect both Li-Ion and Li-Pol cells in
a two-cell battery pack from being either
overcharged (overvoltage) or overdischarged
(undervoltage). It employs a precision bandgap
voltage reference that is used to detect when
either cell is approaching an overvoltage or
undervoltage state. When on-board logic detects
either condition, the series FET switch opens to
protect the cells.
A negative feedback loop controls the FET switch
when the battery pack is in either the overvoltage
or undervoltage state. In the overvoltage state the
action of the feedback loop is to allow only
discharge current to pass through the FET switch.
In the undervoltage state, only charging current is
allowed to flow. The operational amplifier that
drives the loop is powered only when in one of
these two states. In the undervoltage state the
chip enters sleep mode until it senses that the
pack is being charged.
The FET switch is driven by a charge pump when
the battery pack is in a normally charged state to
achieve the lowest possible RDS(on). In this state
the negative feedback loop’s operational amplifier
is powered down to conserve battery power. Short
circuit protection for the battery pack is provided
and has a nominal delay of 100
µs before tripping.
An external capacitor may be connected between
CDLY and B0 to increase this delay time to allow
longer overcurrent transients.
A chip enable (CE) pin is provided that when held
low, inhibits normal operation of the device to
facilitate assembly of the battery pack.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2000–2003, Texas Instruments Incorporated
1
3
2
4
5
7
6
8
16
14
15
13
12
10
11
9
NC
SUBS
SUBS
GND
LPWARN
GND
B2
CDLY
B1
SUBS
SUBS
B0
CE
B0
UCC3911
+
+
ISOLATED
COPPER
PAD
ISOLATED
COPPER
PAD
OV
UV
UDG–01075


Similar Part No. - UCC3911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC391 TI-UCC391 Datasheet
40Kb / 3P
5-Bit Programmable Output BiCMOS Precision Voltage Reference
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC3912 TI2-UCC3912 Datasheet
499Kb / 18P
PROGRAMMABLE HOT SWAP POWER MANAGER
REVISED NOVEMBER 2003
UCC3912DP TI-UCC3912DP Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC3912DP TI1-UCC3912DP Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3911

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Maxim Integrated Produc...
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
Lithium Ion Battery Applications
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
Open Wire Stackable Lithium-ion Battery Protector
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com