Electronic Components Datasheet Search
  English  ▼

X  

UCC3912 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3912
Description  Programmable Hot Swap Power Manager
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3912 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3912 Datasheet HTML 1Page - Texas Instruments UCC3912 Datasheet HTML 2Page - Texas Instruments UCC3912 Datasheet HTML 3Page - Texas Instruments UCC3912 Datasheet HTML 4Page - Texas Instruments UCC3912 Datasheet HTML 5Page - Texas Instruments UCC3912 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UCC3912
SLUS241A - NOVEMBER 1999
FEATURES
• Integrated 0.15Ω Power MOSFET
• 3V to 8V Operation
• Digital Programmable Current Limit
from 0 to 3A
• Electronic Circuit Breaker Function
• 1µA ICC when Disabled
• Programmable on Time
• Programmable Start Delay
• Fixed 3% Duty Cycle
• Uni-Directional Switch
• Thermal Shutdown
• Fault Output Indicator
• Maximum Output Current can be set
to 1A above the Programmed Fault
Level or to a full 4A
• Power SOIC, Low Thermal
Resistance Packaging
DESCRIPTION
The UCC3912 Hot Swap Power Manager provides complete power man-
agement, hot swap capability, and circuit breaker functions. The only com-
ponent required to operate the device, other than supply bypassing, is the
fault timing capacitor, CT. All control and housekeeping functions are inte-
grated, and externally programmable. These include the fault current level,
maximum output sourcing current, maximum fault time,and start-up delay.
In the event of a constant fault, the Internal fixed 3% duty cycle ratio limits
average output power.
The internal 4 bit DAC allows programming of the fault level current from 0
to 3A with 0.25A resolution. The IMAX control pin sets the maximum sour-
cing current to 1A above the fault level when driven low, and to a full 4A
when driven high for applications which require fast output capacitor charg-
ing.
When the output current is below the fault level, the output MOSFET is
switched on with a nominal on resistance of 0.15 . When the output cur-
rent exceeds the fault level, but is less than the maximum sourcing level,
the output remains switched on, but the fault timer starts charging CT.
Once CT charges to a preset threshold, the switch is turned off, and re-
mains off for 30 times the programmed fault time. When the output current
reaches the maximum sourcing level, the MOSFET transitions from a
switch to a constant current source.
(continued)
6
7
8
9
1A
ABOVE
FAULT
OVER CURRENT
COMPARATOR
CURRENT FAULT
LEVEL 0–3 AMPS
10
H= 4A
MAX
CURRENT
LEVEL
4A
ON TIME
CONTROL
3% DUTY
CYCLE
0–3A
0.25
RES
11
13
12
4
5
B3
B2
B1
B0
4BIT DAC
GND
HEAT SINK
GND PINS
CT
CHARGE
PUMP
16
LINEAR CURRENT
AMPLIFIER
POWER
FET
2
3
V
OUT
REVERSE VOLTAGE
COMPARATOR
30mV
FAULT
THERMAL
SHUTDOWN
INTERNAL
BIAS
+
–
1
15
14
VOUT
VIN
CURRENT SENSE
H = OPEN
1.5V
SHTDWN
IMAX
BLOCK DIAGRAM
Programmable Hot Swap Power Manager
UDG-99146
application
INFO
available


Similar Part No. - UCC3912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3912 TI2-UCC3912 Datasheet
499Kb / 18P
PROGRAMMABLE HOT SWAP POWER MANAGER
REVISED NOVEMBER 2003
UCC3912DP TI1-UCC3912DP Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3912DP TI2-UCC3912DP Datasheet
499Kb / 18P
PROGRAMMABLE HOT SWAP POWER MANAGER
REVISED NOVEMBER 2003
UCC3912DP.A TI2-UCC3912DP.A Datasheet
499Kb / 18P
PROGRAMMABLE HOT SWAP POWER MANAGER
REVISED NOVEMBER 2003
UCC3912DPG4 TI1-UCC3912DPG4 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
UCC2915 TI-UCC2915 Datasheet
67Kb / 5P
15V Programmable Hot Swap Power Manager
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
15V Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
??8-V Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com