Electronic Components Datasheet Search
  English  ▼

X  

UCC2803D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2803D
Description  Low-Power BiCMOS Current-Mode PWM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2803D Datasheet(HTML) 1 Page - Texas Instruments

  UCC2803D Datasheet HTML 1Page - Texas Instruments UCC2803D Datasheet HTML 2Page - Texas Instruments UCC2803D Datasheet HTML 3Page - Texas Instruments UCC2803D Datasheet HTML 4Page - Texas Instruments UCC2803D Datasheet HTML 5Page - Texas Instruments UCC2803D Datasheet HTML 6Page - Texas Instruments UCC2803D Datasheet HTML 7Page - Texas Instruments UCC2803D Datasheet HTML 8Page - Texas Instruments UCC2803D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
UCC1800/1/2/3/4/5
UCC2800/1/2/3/4/5
UCC3800/1/2/3/4/5
SLUS270C - MARCH 1999 - REVISED JANUARY 2005
FEATURES
• 100µA Typical Starting Supply Current
• 500µA Typical Operating Supply
Current
• Operation to 1MHz
• Internal Soft Start
• Internal Fault Soft Start
• Internal Leading-Edge Blanking of the
Current Sense Signal
• 1 Amp Totem-Pole Output
• 70ns Typical Response from
Current-Sense to Gate Drive Output
• 1.5% Tolerance Voltage Reference
• Same Pinout as UC3842 and
UC3842A
DESCRIPTION
The UCC1800/1/2/3/4/5 family of high-speed, low-power integrated cir-
cuits contain all of the control and drive components required for off-line
and DC-to-DC fixed frequency current-mode switching power supplies
with minimal parts count.
These devices have the same pin configuration as the UC1842/3/4/5
family, and also offer the added features of internal full-cycle soft start
and internal leading-edge blanking of the current-sense input.
The UCC1800/1/2/3/4/5 family offers a variety of package options, tem-
perature range options, choice of maximum duty cycle, and choice of
critical voltage levels. Lower reference parts such as the UCC1803 and
UCC1805 fit best into battery operated systems, while the higher refer-
ence and the higher UVLO hysteresis of the UCC1802 and UCC1804
make these ideal choices for use in off-line power supplies.
The UCC180x series is specified for operation from –55
oC to +125oC,
the UCC280x series is specified for operation from –40
oCto+85oC, and
the UCC380x series is specified for operation from 0
oCto+70oC.
Low-Power BiCMOS Current-Mode PWM
Part Number
Maximum Duty Cycle
Reference Voltage
Turn-On Threshold
Turn-Off Threshold
UCCx800
100%
5V
7.2V
6.9V
UCCx801
50%
5V
9.4V
7.4V
UCCx802
100%
5V
12.5V
8.3V
UCCx803
100%
4V
4.1V
3.6V
UCCx804
50%
5V
12.5V
8.3V
UCCx805
50%
4V
4.1V
3.6V
application
INFO
available
BLOCK DIAGRAM
UDG92009-3


Similar Part No. - UCC2803D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2803D TI1-UCC2803D Datasheet
4Mb / 26P
Low-Power BiCMOS Current-Mode PWM
UCC2803D TI-UCC2803D Datasheet
4Mb / 26P
Low-Power BiCMOS Current-Mode PWM
UCC2803D TI1-UCC2803D Datasheet
2Mb / 56P
Low-Power BiCMOS Current-Mode PWM Controllers
UCC2803D TI1-UCC2803D Datasheet
2Mb / 55P
Low-Power BiCMOS Current-Mode PWM Controllers
UCC2803DG4 TI1-UCC2803DG4 Datasheet
4Mb / 26P
Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC2803D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2803NG4 TI1-UCC2803NG4 Datasheet
4Mb / 26P
Low-Power BiCMOS Current-Mode PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
LOW -POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
LOW-POWER BiCMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com