Electronic Components Datasheet Search
  English  ▼

X  

EX450 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # EX450
Description  Rugged design with built-in IR Thermometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

EX450 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  EX450 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Common Features:
• Large backlit LCD display
with easy-to-read 1" digits
• Type K thermometer built-in
for temperature measurements
• Low current capability:
measure down to 0.1μA
• Input fuse protection and
mis-connection warnings
• Complete with CAT III test
leads, multi-position tilt stand
and velcro strap for hanging,
protective holster with test
lead holder, bead wire
temperature probe (-22 to
572°F/-30 to 300°C),
and 9V battery
Specifications subject to change without notice.
Copyright © 2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
Built-In IR Thermometer
EX450 and EX470 models offer
built-in InfraRed Thermometer
4/30/09 - R2
Patented
Rugged design with built-in IR Thermometer
Extech 400 Series Multimeters are available with or without the built-in InfraRed
thermometer, select auto or manual ranging, True RMS or averaging, and choose
the meter you want at a price you can afford.
Extech 400 Series MultiMeters
Ordering Information
EX410 ..............Manual Ranging MultiMeter
EX410-NIST ......EX410 MultiMeter w/ NIST Certificate
EX411 ..............True RMS Manual Ranging MultiMeter
EX411-NIST ......EX411 MultiMeter w/ NIST Certificate
EX420 ..............Autoranging MultiMeter
EX420-NIST ......EX420 MultiMeter w/ NIST Certificate
EX430 ..............True RMS Autoranging MultiMeter
EX430-NIST ......EX430 MultiMeter w/ NIST Certificate
EX450 ..............Autoranging MultiMeter + IR Thermometer
EX450-NISTL ....EX450 MultiMeter w/ NIST Certificate
EX470 ..............True RMS Autoranging MultiMeter + IR Thermometer
EX470-NISTL ....EX470 MultiMeter w/ NIST Certificate
Accessories
CA500 ..............Case with shoulder strap and side pockets
TP873 ..............Replacement Bead wire Temperature Probe
HG500 ..............Magnetic Hanging Strap
Specifications
EX410
EX411
EX420
EX430
EX450
EX470
Temperature (IR)
—
——
—
✓ -58 to 518°F
✓ -58 to 518°F
(-50 to 270°C)
(-50 to 270°C)
Averaging/True RMS
Averaging
✓ True RMS
Averaging
✓ True RMS
Averaging
✓ True RMS
Basic Accuracy (VDC)
±0.5%
±0.3%
±0.3%
±0.3%
±0.5%
±0.3%
AC Voltage
1mV to 750V
1mV to 750V
0.1mV to 750V
0.1mV to 750V
1mV to 750V
0.1mV to 750V
DC Voltage
0.1mV to 1000V
0.1mV to 1000V
0.1mV to 1000V
0.1mV to 1000V
0.1mV to 1000V
0.1mV to 1000V
AC Current
0.1mA to 20A
0.1mA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
DC Current
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
0.1μA to 20A
Resistance
0.1Ω to 20MΩ
0.1Ω to 20MΩ
0.1Ω to 40MΩ
0.1Ω to 40MΩ
0.1Ω to 20MΩ
0.1Ω to 40MΩ
Capacitance
—
—
✓ 0.01nF to 100μF
✓ 0.01nF to 100μF
—
✓ 0.01nF to 100μF
Frequency
—
—
✓ 0.001Hz to 10MHz
✓ 0.001Hz to 10MHz
—
✓ 0.001Hz to 10MHz
Temperature (Type K)
-4 to 1382°F
-4 to 1382°F
-4 to 1382°F
-4 to 1382°F
—
-4 to 1382°F
(-20 to 750°C)
(-20 to 750°C)
(-20 to 750°C)
(-20 to 750°C)
(-20 to 750°C)
Duty Cycle
—
—
✓ 0.1% to 99.9%
✓ 0.1% to 99.9%
—
0.1% to 99.9%
Continuity / Diode
Yes
Yes
Yes
Yes
Yes
Yes
Dimensions
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
7.4x3.2x2"(187x81x50mm)
Weight
0.75lbs (342g)
0.75lbs (342g)
0.75lbs (342g)
0.75lbs (342g)
0.75lbs (342g)
0.75lbs (342g)
Warranty
1 year
1 year
1 year
✓ 3 years
✓ 3 years
✓ 3 years
Model EX450
• Built-in IR Thermometer
• Autoranging
Model EX470
• Built-in IR Thermometer
• True RMS
• Autoranging
• Capacitance
• Frequency
• Relative function
Model EX410/EX411
• True RMS (EX411)
• Manual Ranging
Model EX420/EX430
• True RMS (EX430)
• Autoranging
• Capacitance
• Frequency


Similar Part No. - EX450

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX45000 AXIOMTEK-EX45000 Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX45062-10B AXIOMTEK-EX45062-10B Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX45062-20B AXIOMTEK-EX45062-20B Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX45062-60B AXIOMTEK-EX45062-60B Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX45062-70B AXIOMTEK-EX45062-70B Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
More results

Similar Description - EX450

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MLX90601B MICREL-MLX90601B Datasheet
116Kb / 8P
Analog IR thermometer module
logo
List of Unclassifed Man...
MLX90601C ETC1-MLX90601C Datasheet
175Kb / 12P
SPI IR thermometer module
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
Mini IR Thermometer
42542 EXTECH-42542 Datasheet
821Kb / 1P
High Temperature IR Thermometer
EX570 EXTECH-EX570 Datasheet
551Kb / 18P
True RMS Multimeter with IR Thermometer
IR301 EXTECH-IR301 Datasheet
121Kb / 2P
Combination IR Stem Thermometer
RH401 EXTECH-RH401 Datasheet
153Kb / 8P
Digital Psychrometer IR Thermometer
logo
Axiomtek Co., Ltd.
DSH-146 AXIOMTEK-DSH-146 Datasheet
294Kb / 1P
Built-in IR touchscreen
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
IR Thermometer
logo
Fluke Corporation
116 FLUKE-116 Datasheet
771Kb / 2P
Built in thermometer for HVAC applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com