Electronic Components Datasheet Search
  English  ▼

X  

UCC5611 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5611
Description  18-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5611 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5611 Datasheet HTML 1Page - Texas Instruments UCC5611 Datasheet HTML 2Page - Texas Instruments UCC5611 Datasheet HTML 3Page - Texas Instruments UCC5611 Datasheet HTML 4Page - Texas Instruments UCC5611 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UCC5611
The power amplifier output stage allows the UCC5611 to
source full termination current and sink active negation
current when all termination lines are actively negated.
The UCC5611 is pin for pin compatible with Unitrode’s
other 18 line SCSI terminators, except that DISCNCT is
now active low, allowing lower capacitance and lower
voltage upgrades to existing systems. The UCC5611, as
with all Unitrode terminators, is completely hot pluggable
and appears as high impedance at the terminating chan-
nels with VTRMPWR = 0V or open.
Internal circuit trimming is utilized, first to trim the 110
ohm termination impedance to a 7% tolerance, and then
most importantly, to trim the output current to a 4% toler-
ance, as close to the max SCSI-3 spec as possible,
which maximizes noise margin in FAST-20 SCSI opera-
tion.
Other features include thermal shutdown and current
limit.
This device is offered in low thermal resistance versions
of the industry standard 28 pin wide body SOIC, 24 pin
wide body DIP and 28 pin PLCC.
ABSOLUTE MAXIMUM RATINGS
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Regulator Output Current . . . . . . . . . . . . . . . . . . Self-regulating
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . .
−55°C to +150°C
Lead Temperature (Soldering, 10 Sec.) . . . . . . . . . . . . . +300°C
RECOMMENDED OPERATING CONDITIONS
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . 2.75V to 5.25V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +5V
Disconnect Input Voltage . . . . . . . . . . . . . . . . . . 0V to Termpwr
Description Continued
Unless otherwise specified all voltages are with respect to
Ground. Currents are positive into, negative out of the speci-
fied terminal.
Consult Packaging Section of Unitrode Integrated Circuits dat-
abook for thermal limitations and considerations of packages.
CONNECTION DIAGRAMS
PLCC-28 (Top View)
QP Package
* QP package pins 12 - 18 serve as both heatsink and signal
ground.
* DWP package pin 28 serves as signal ground; pins 7, 8, 9,
20, 21, 22 serve as heatsink/ground.
SOIC-28 (Top View)
DWP Package
Note: Drawings are not to scale.
DIL-24 (Top View)
N or J Package
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com