Electronic Components Datasheet Search
  English  ▼

X  

UCC5614 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC5614
Description  9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5614 Datasheet(HTML) 4 Page - Texas Instruments

  UCC5614 Datasheet HTML 1Page - Texas Instruments UCC5614 Datasheet HTML 2Page - Texas Instruments UCC5614 Datasheet HTML 3Page - Texas Instruments UCC5614 Datasheet HTML 4Page - Texas Instruments UCC5614 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Regulator Section (cont.)
Sinking Current Capability
VREG = 3V
200
400
800
mA
Thermal Shutdown
(Note 2)
170
°C
Thermal Shutdown Hysteresis
(Note 2)
10
°C
Disconnect Section
Disconnect Threshold
RDISCNCT = 0 & 80k
0.8
1.5
2.0
V
Input Current
DISCNCT = 0V
30
50
µA
ELECTRICAL CHARACTERISTICS (cont.) Unless otherwise stated, these specifications apply for TA = 0°C to 70°C.
TRMPWR = 3.3V, DISCNCT = 0V, RDISCNCT= 0 ohms. TA = TJ.
UCC5614
Note 1: Measuring each termination line while other 8 are low (0.2V).
Note 2: Guaranteed by design. Not 100% tested in production.
Figure 1: Typical SCSI Bus Configurations Utilizing 2 UCC5614 Devices
Figure 2: Typical Wide SCSI Bus Configurations Utilizing 3 UCC5614 Devices.
APPLICATION INFORMATION
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com