Electronic Components Datasheet Search
  English  ▼

X  

UCC3952 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3952
Description  Enhanced Single Cell Lithium-Ion Battery Protection IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3952 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3952 Datasheet HTML 1Page - Texas Instruments UCC3952 Datasheet HTML 2Page - Texas Instruments UCC3952 Datasheet HTML 3Page - Texas Instruments UCC3952 Datasheet HTML 4Page - Texas Instruments UCC3952 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
UCC3952-1/-2/-3/-4
SOIC-16 (TOP VIEW)
DP Package
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (PACK+ to BNEG) . . . . . . . . . . . . . . . . . . . . 7V
Maximum Forward Voltage (PACK+ to PACK–) . . . . . . . . . 16V
Maximum Reverse Voltage
(where PACK+ to BNEG = 5V) . . . . . . . . . . . . . . . . . . . . . –8V
Maximum Cell Continuous Charge Current . . . . . . . . . . . . . . 3A
Junction Temperature . . . . . . . . . . . . . . . . . . . . –55°C to 150°C
Storage Temperature Range . . . . . . . . . . . . . . –40°C to 125°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages. All voltages are
referenced to GND.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
N/C
TCLK
BNEG
BNEG
BNEG
N/C
SUB
SUB
SUB
SUB
N/C
PACK+
CBPS
PACK–
PACK–
PACK–
CONNECTION DIAGRAMS
PACK+
N/C
BNEG
BNEG
BNEG
BNEG
BNEG
TCLK
BNEG
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
CBPS
N/C
PACK–
PACK–
PACK–
PACK–
PACK–
TSSOP-16 (TOP VIEW)
PW Package
ELECTRICAL CHARACTERISTICS: Temperature Range: –20°C < TA < 70°C, Unless otherwise stated. All voltages are
with respect to BNEG. TA = TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
State Transition Threshold Section
NORM to OV (VOV)
UCC3952-1
4.15
4.20
4.25
V
OV to NORM (VOVR)
UCC3952-1
3.85
3.90
3.95
V
NORM to OV (VOV)
UCC3952-2
4.20
4.25
4.30
V
OV to NORM (VOVR)
UCC3952-2
3.90
3.95
4.00
V
NORM to OV (VOV)
UCC3952-3
4.25
4.30
4.35
V
OV to NORM (VOVR)
UCC3952-3
3.95
4.00
4.05
V
NORM to OV (VOV)
UCC3952-4
4.30
4.35
4.40
V
OV to NORM (VOVR)
UCC3952-4
4.00
4.05
4.10
V
N/C
18
17
7
10
8
9
1
N/C
16
BNEG
CBPS
N/C
PACK–
TCLK
PACK+
N/C
BNEG BNEG
PACK–
15
14
2
3
4
5
BNEG
BNEG
BNEG
6
13
12
PACK–
PACK– 11
PACK–
Consult factory for GSH package availability.
BCC-18 (TOP VIEW)
GSH Package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com