Electronic Components Datasheet Search
  English  ▼

X  

UCC5617 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5617
Description  18-Line SCSI Terminator Reverse Disconnect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5617 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5617 Datasheet HTML 1Page - Texas Instruments UCC5617 Datasheet HTML 2Page - Texas Instruments UCC5617 Datasheet HTML 3Page - Texas Instruments UCC5617 Datasheet HTML 4Page - Texas Instruments UCC5617 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
UCC5617
ELECTRICAL CHARACTERISTICS Unless otherwise stated these specifications apply for TA
= 0°C to 70°C,
TRMPWR = 4.75V, DISCNCT = 4.75V, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
Termpwr Supply Current
All termination lines
= Open
1
2
mA
All termination lines
= 0.2V
420
450
mA
Power Down Mode
DISCNCT
= 0V
50
100
µA
Output Section (Termination Lines)
Termination Impedance
(Note 3)
104.5
110
115.5
Ω
Output High Voltage
VTRMPWR
= 4V (Note 1)
2.6
2.8
3
V
Maximum Output Current
VLINE
= 0.2V, TJ = 25°C
−22.1
−23.3
−24
mA
VLINE
= 0.2V
−20.7
−23.3
−24
mA
VLINE
= 0.2V, TRMPWR = 4V, TJ = 25°C (Note 1)
–21
–23
–24
mA
VLINE = 0.2V, TRMPWR = 4V (Note 1)
–20
–23
–24
mA
VLINE
= 0.5V
−22.4
mA
Output Leakage
DISCNCT
= 0V, TRMPWR = 0V to 5.25V,
10
400
nA
REG
= 0.2V, VLINE = 5.25V
Output Capacitance
DISCNCT
= 2.4V (Note 2)
2
3.5
pF
Regulator Section
Regulator Output Voltage
2.6
2.8
3
V
Drop Out Voltage
All Termination Lines
= 0.2V
0.4
0.8
V
Short Circuit Current
VREG
= 0V
–475
−650
−850
mA
Sinking Current Capability
VREG
= 3.5V
200
400
800
mA
Thermal Shutdown
170
°C
Thermal Shutdown Hysteresis
10
°C
Disconnect Section
Disconnect Threshold
0.8
1.5
2
V
Input Current
DISCNCT
= 0V
−10
−30
µA
Note 1: Measuring each termination line while other 17 are low (0.2V).
Note 2: Guaranteed by design. Not 100% tested in production.
Note 3: Tested by measuring IOUT with VOUT = 0.2V and VOUT with no load, then calculating:
Z =
.
VOUT N.L. – 0.2V
IOUT at 0.2V
Procedure:
1) Measure VREG N.L.
2) Set VL = 0.2V; Measure IMAX at 0.2V
3) Impedance = VREG N.L. – 0.2V
IMAX at 0.2V
Figure 1. Termline Impedance Measurement Circuit
UDG-97108



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com