Electronic Components Datasheet Search
  English  ▼

X  

403265 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # 403265
Description  Non-Contact Infrared Thermometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

403265 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  403265 Datasheet HTML 1Page - Extech Instruments Corporation. 403265 Datasheet HTML 2Page - Extech Instruments Corporation. 403265 Datasheet HTML 3Page - Extech Instruments Corporation. 403265 Datasheet HTML 4Page - Extech Instruments Corporation. 403265 Datasheet HTML 5Page - Extech Instruments Corporation. 403265 Datasheet HTML 6Page - Extech Instruments Corporation. 403265 Datasheet HTML 7Page - Extech Instruments Corporation. 403265 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
403265 Version 1.7 2/05
3
1
2
3
4
5
6
7
MODE
InfraRed ProbeMeterTM
Meter Description
1.
Infrared sensor (top)
2.
Laser source (top)
3.
LCD Temperature Display
4.
Mode button
5.
Laser pointer and Down arrow button
6.
Backlight and Up arrow button
7.
Measure button (MEAS)
Note: Battery compartment is on rear of meter
Specifications
Range/Resolution
-4 to 1022
oF/(1°F)
0 to 199°C/(0.5°C); -20 to 0
oC/200 to 550°C/( 1oC)
Accuracy
±2% of reading or ± 6
oF/3oC (whichever is greater)
(@ 64.4 to 82.4
oF (18 to 28oC) ambient temperature)
Temperature
Coefficient
A ±0.2% of reading or ±0.36
oF (0.2oC) (whichever is greater)
change in accuracy per
oF/oC change in ambient temperature
> 82.4
oF(28oC) or < 64.4oF (18oC)
Display
3-1/2 digit (2000 count) backlit LCD with over-range and low
battery indication
Measurement rate
1 reading per second
Response time
1 second
Spectral Response
6 to 14
µm nominal
Emissivity
Adjustable from 0.10 to 1.00 (in 0.01 steps)
Detection element
Thermopile
Optical lens
Fresnel Lens
Laser pointer
Color: Red (670nm) Power: <1mW class II
Field of view
D/S = Approx. 10:1 ratio (D = distance, S = spot)
Operating conditions
32 to 122
oF (0 to 50oC) and < 70% relative humidity
Storage conditions
-4 to 140
oF (0 to 60oC) and < 80% relative humidity
Auto Power off
After 20 seconds of inactivity
Standby consumption < 5mA
Power supply
Four (4) 'AAA' 1.5 V batteries
EMC
Instrument unspecified for use in EMC field > 0.5V/m
Battery life
60 hours (continuous) typical with carbon-zinc battery (laser
pointer and backlight off)
Dimensions / Weight
6.7 x 1.7 x 1.6" (170 x 44 x 40mm) / 5.6 oz.(160g)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com