Electronic Components Datasheet Search
  English  ▼

X  

UCC5619 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5619
Description  27-Line SCSI Terminator With Reverse Disconnect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5619 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5619 Datasheet HTML 1Page - Texas Instruments UCC5619 Datasheet HTML 2Page - Texas Instruments UCC5619 Datasheet HTML 3Page - Texas Instruments UCC5619 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
UCC5619
ABSOLUTE MAXIMUM RATINGS
TRMPWR Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Regulator Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . .
−55°C to +150°C
Lead Temperature (Soldering, 10 Sec.). . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
LINE5
LINE6
LINE7
LINE22
LINE21
LINE19
LINE20
REG
LINE9
LINE8
GND*
LINE26
LINE27
LINE23
LINE24
LINE25
GND*
GND*
GND*
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
7
8
9
10
GND*
11
12
13
14
15
26
25
24
23
22
16
17
18
21
20
19
LINE12
LINE11
LINE10
DISCNCT
LINE13
LINE14
LINE1
LINE2
LINE17
LINE18
TRMPWR
GND*
LINE16
LINE15
LINE4
LINE3
* MWP package pins 8 - 10 and 26 - 28 serve as heatsink/
ground.
QSSOP-36 (Top View)
MWP Package
48
47
46
45
1
44
43
42
41
40
39
38
37
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
LINE 22
LINE 5
LINE 6
LINE 7
LINE 8
HS/GND
N/C
LINE 24
LINE 9
HS/GND
HS/GND
REG
LINE 19
LINE 20
LINE 21
TRMPWR
HS/GND
LINE 17
LINE 18
LINE 16
LINE 4
LINE 15
LINE 2
LINE 3
N/C
LINE 12
LINE 13
LINE 14
HS/GND
LINE 27
LINE 26
LINE 25
DISCNCT1
HS/GND
LINE 10
N/C
LINE 11
HS/GND
HS/GND
HS/GND
LINE 23
HS/GND
HS/GND
LINE 1
HS/GND
HS/GND
HS/GND
N/C
CONNECTION DIAGRAM
LFQP-48 (Top View)
FQP Package
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C,
TRMPWR = 4.75V, DISCNCT = 4.75V, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
TRMPWR Supply Current
All Termination Lines = Open
1
2
mA
All Termination Lines = 0.2V
630
650
mA
Power Down Mode
DISCNCT = 0V
100
200
µA
Output Section (Termination Lines)
Termination Impedance
(Note 3)
104.5
110
115.5
Ω
Output High Voltage
(Note 1)
2.6
2.8
3.0
V
Max Output Current
VLINE = 0.2V, TJ = 25°C
−22.1 −23.3
−24
mA
VLINE = 0.2V
−20.7 −23.3
−24
mA
VLINE = 0.2V, TRMPWR = 4V, TJ = 25°C (Note 1)
−21
−23
−24
mA
VLINE = 0.2V, TRMPWR = 4V (Note 1)
−20
−23
−24
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com