Electronic Components Datasheet Search
  English  ▼

X  

407113 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 407113
Description  Heavy Duty CFM Thermo-Anemometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407113 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  407113 Datasheet HTML 1Page - Extech Instruments Corporation. 407113 Datasheet HTML 2Page - Extech Instruments Corporation. 407113 Datasheet HTML 3Page - Extech Instruments Corporation. 407113 Datasheet HTML 4Page - Extech Instruments Corporation. 407113 Datasheet HTML 5Page - Extech Instruments Corporation. 407113 Datasheet HTML 6Page - Extech Instruments Corporation. 407113 Datasheet HTML 7Page - Extech Instruments Corporation. 407113 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Model 407113 V3.2 07/07
2
Introduction
Congratulations on your purchase of the Extech 407113 CFM meter. This handheld
meter can display Air Flow (CFM) with Area or Air Velocity with Temperature on a
10,000-count (0 to 9999) dual display LCD. Other functions include MIN/MAX
Record/Recall, RS-232 PC interface, and Data Hold. The metal vane sensor offers
rugged durability and higher temperature withstand than comparable devices. Careful
use of this meter will provide years of reliable service.
Specifications
General Specifications
Display
Dual Display Multi-function 10,000-count (0 to 9999) LCD
Measurements
Air Velocity: m/s, km/h, ft/min, knots, mph;
Air Flow: CMM (m
3/min) and CFM (ft3/min);
Temperature: °C and °F
Data Hold
Freezes displayed reading
Sampling rate
One (1) reading per second
Sensors
Air velocity/flow sensor: Metal angled vane arms with low-
friction ball bearing. Temp. Sensor: Precision thermistor
MIN/MAX
Records/Recalls lowest and highest readings
Auto Power OFF
Automatic shut off after 15 minutes
PC Interface
RS-232 Serial Communications (16-bit data stream)
Over range indication
1___ appears on the LCD
Low battery indication
LBT appears on the LCD
Power supply
9V Battery (consumption 8.3mA approx.)
Operating conditions
Meter: 32 to 122
oF (0 to 50oC); 80% RH max.
Sensor: 32 to 175
oF (0 to 80oC)
Dimensions / Weight
Main instrument: 7.1 x 2.8 x1.3" (180 x 72 x 32mm)
Sensor head: 2.8” (72mm) diameter
Weight
0.84 lbs. (381g) for meter and sensor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com