Electronic Components Datasheet Search
  English  ▼

X  

780418 Datasheet(PDF) 7 Page - Extech Instruments Corporation.

Part # 780418
Description  Heavy Duty Dissolved Oxygen Meter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

780418 Datasheet(HTML) 7 Page - Extech Instruments Corporation.

  780418 Datasheet HTML 1Page - Extech Instruments Corporation. 780418 Datasheet HTML 2Page - Extech Instruments Corporation. 780418 Datasheet HTML 3Page - Extech Instruments Corporation. 780418 Datasheet HTML 4Page - Extech Instruments Corporation. 780418 Datasheet HTML 5Page - Extech Instruments Corporation. 780418 Datasheet HTML 6Page - Extech Instruments Corporation. 780418 Datasheet HTML 7Page - Extech Instruments Corporation. 780418 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
407510
V7.0 10/06
7
Battery Replacement
The low battery indication LBT appears on the LCD when the battery runs low.
To replace the battery:
1.
Remove the meter's rubber protective cover to access the rear battery compartment.
2.
Remove the battery compartment cover using a small coin or screwdriver and remove the
9V battery.
3.
Replace the 9V battery and reinstall the cover and holster.
Specifications
General Specifications
Circuit
Custom one-chip LSI microprocessor circuit
Display
Dual function 0.5" (13 mm) 1999 count LCD w/ contrast adjust
Measurements
Dissolved O2: mg/l (milligrams per liter); Oxygen in air: %;
Temperature: °C/°F
Data hold
Data hold key freezes displayed reading
Sensor Structure
Remote Polarographic Dissolved Oxygen Sensor
Temperature sensor: Precision thermistor
Data recording
Min/Max/Avg readings stored for later recall
Auto power off
Meter turns off after 10 minutes
Sample rate
0.4 Sec (approx.)
Data Output
RS 232 PC serial interface
Operating conditions Temperature: 32 to 122 °F (0 to 50 °C); Humidity: < 80% RH
Battery power
9V alkaline battery
Power Consumption Approx. 6.6 mA DC
Weight
0.74 lbs. / 335 g (including batteries & probe)
Dimensions
Main instrument: 7.1 x 2.8 x1.3" (180 x 72 x 32mm)
Probe: 4.9" x 0.8" length/diameter (125 x 20mm)
Accessories
Carrying case, 9V battery, and 5 membranes
Optional
accessories
Membranes, data acquisition software & RS232 interface cable
Electrical Specifications
Measurement
Range
Resolution
Accuracy
Dissolved Oxygen
0.0 - 19.9 mg/L
0.1mg/L
+ 0.4 mg/L
Oxygen in air
0 - 100% O2
0.1 % O2
+ 0.7% O2
Temperature
(probe only)
32 to 122
oF
0 to 50
oC
0.1
oF/C
±1.5
oF
+ 0.8
oC
Temperature (automatic)
32 to 122
oF (0 to 50oC)
Salt
0 to 39% (1% = ppt)
Compensation
adjustments
Altitude
0 to 3900 meters



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com