Electronic Components Datasheet Search
  English  ▼

X  

445705 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 445705
Description  Hygro-Thermometer Clock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

445705 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  445705 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
445705 V1.1 7/02
User's Guide Model 445705
Hygro-Thermometer Clock
Introduction
Congratulations on your purchase of the Extech Hygro-
Thermometer Clock. This Clock with alarm displays Time,
Temperature, % Relative Humidity, Day, Month and Date. The
clock can be wall mounted or desk mounted using the supplied leg
and screw. Proper care and use of this device will provide years of
reliable service.
Operation
Battery Installation
Insert two 1.5V 'AA' batteries (alkaline batteries are recommended) in the rear battery compartment. Ensure that the
(+) positive and (-) minus terminals of the battery match the positive and negative symbols on the clock's battery
compartment. Battery life is typically one year.
Push button description
1.
SET
Enter the SET mode
2.
UP 12/24
UP increases the set value; 12/24 switches the hour format
3.
DOWN °C/°F
DOWN decreases the set value; C/F switches the temperature units
4.
ALARM ON/OFF
Set alarm and snooze ON/OFF
Setting the Date and Time
1.
Press and HOLD the SET button for three seconds until the hours digit begins to flash.
2.
Press the UP or DOWN button to set the value (or hold for fast scroll).
3.
Press the SET button to step through the selections; hour > minute > day > month > year > exit.
Setting the Alarm Time
1.
Press ALARM ON/OFF to display the alarm set time.
2.
Press and HOLD the SET button for three seconds until the hours digit begins to flash.
3.
Press SET and UP or DOWN to set the alarm hour and repeat to set the alarm minutes.
Turning the Alarm and Snooze ON/OFF
1.
Press ALARM ON/OFF to display the alarm set time.
2.
Press ALARM ON/OFF button three times to turn the alarm on (the alarm “bell” indicator will appear in the
display) and a fourth time to turn the 4 minute snooze on ( the “Zz” indicator will appear).
3.
When the alarm sounds, press the ALARM ON/OFF button to disable the alarm. If the “Zz” snooze is enabled,
the alarm will sound again in four minutes.
Changing Temperature Units
1.
Press DOWN °C/°F to change between degrees Celsius and degrees Fahrenheit.
Changing 12 to 24 Hour clock
1.
Press UP 12/24 to change between a 12 hour and a 24 hour clock.
Specifications
Time
± 30 sec per month
Temperature
14 to 140
oF(-10 to 60oC); ± 1.8oF (± 1oC)
Relative Humidity
20 to 90% RH; ± 5%
Copyright © 2002 Extech Instruments Corporation. All rights reserved
including the right of reproduction in whole or in part in any form.
www.extech.com support@extech.com


Similar Part No. - 445705

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
445702 EXTECH-445702 Datasheet
106Kb / 1P
Hygro-Thermometer Clock
445702 EXTECH-445702_15 Datasheet
180Kb / 1P
Hygro-Thermometer Clock
445703 EXTECH-445703 Datasheet
194Kb / 2P
Big Digit Hygro-Thermometer
445703-V1 EXTECH-445703-V1 Datasheet
154Kb / 1P
Big Digit Hygro-Thermometer
445706 EXTECH-445706 Datasheet
187Kb / 1P
Hygro-Thermometer Alarm Clock
More results

Similar Description - 445705

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
45320 EXTECH-45320 Datasheet
200Kb / 1P
Hygro-Thermometer
407445 EXTECH-407445 Datasheet
181Kb / 8P
Heavy Duty Hygro-Thermometer
445580 EXTECH-445580 Datasheet
64Kb / 4P
Hygro-Thermometer Pen
445702 EXTECH-445702 Datasheet
106Kb / 1P
Hygro-Thermometer Clock
445706 EXTECH-445706 Datasheet
187Kb / 1P
Hygro-Thermometer Alarm Clock
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
Hygro-Thermometer InfraRed Thermometer
RH490 EXTECH-RH490 Datasheet
117Kb / 7P
Precision Hygro-Thermometer
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
Hygro-Thermometer InfraRed Thermometer
445702 EXTECH-445702_15 Datasheet
180Kb / 1P
Hygro-Thermometer Clock
445706 EXTECH-445706_15 Datasheet
188Kb / 1P
Hygro-Thermometer Alarm Clock
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com