Electronic Components Datasheet Search
  English  ▼

X  

UCC5629 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5629
Description  Multimode SCSI 14 Line Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5629 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5629 Datasheet HTML 1Page - Texas Instruments UCC5629 Datasheet HTML 2Page - Texas Instruments UCC5629 Datasheet HTML 3Page - Texas Instruments UCC5629 Datasheet HTML 4Page - Texas Instruments UCC5629 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
UCC5629
PIN DESCRIPTIONS
DIFFB: Diff sense filter pin should be connected at a
0.1 F capacitor.
DIFFSENS: The SCSI bus Diff Sense line to detect what
types of devices are connected to the SCSI bus.
DISCNCT: Disconnect pin shuts down the terminator
when it is not at the end of the bus. The disconnect pin
high enables the terminator.
LINE
n–: Signal line active line for single ended or nega-
tive line in differential applications for the SCSI bus.
LINE
n+: Ground line for single ended or positive line for
differential applications for the SCSI bus.
LVD: TTL Compatible status bit indicating that the device
has detected the bus in LVD mode. If the terminator is
connected it is in LVD mode.
REG: Regulator bypass pin, must be connected to a
F capacitor.
SE: TTL Compatible status bit indicating that the device
has detected the bus in single ended mode. If the termi-
nator is connected it is in single ended mode.
TRMPWR: VIN 2.7V to 5.25V supply.
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA =TJ = 0°C to 70°C,
TRMPWR = 3.3V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Single Ended Termination Section
Impedance
Z
VL
V
IL
X
X
=
−
(.
)
02
, (Note 3)
102.3
110
117.7
Termination Current
Signal Level 0.2V, All Lines Low
–21
–24
–25.4
mA
Signal Level 0.5V
–18
–22.4
mA
Output Leakage
400
nA
Output Capacitance
Single Ended Measurement to Ground (Note 1)
3
pF
Single Ended GND SE Impedance
I= 10mA
20
60
Disconnect and Diff Buffer Input Section
DISCNCT Threshold
0.8
2.0
V
DISCNCT Input Current
10
30
A
Diff Buffer Single Ended to LVD Threshold
0.5
0.7
V
Diff Buffer LVD to HPD Threshold
1.9
2.4
V
DIFFB Input Current
–10
10
A
Status Bits (SE, LVD) Output Section
ISOURCE
VLOAD = 2.4V
–4
–6
mA
ISINK
VLOAD = 0.4V
2
5
mA
Note 1: Guaranteed by design. Not 100% tested in production.
Note 2:
[]
Z
V
II
CM
VCM
V
VCM
V
=
+−
12
06
06
.
–
(.
)
(
.
)
where VCM=voltage measured with L+ tied to L– and zero current applied
Note 3: VLX= Output voltage for each terminator minus output pin (L1– through L14–) with each pin unloaded.
ILX = Output current for each terminator minus output pin (L1– through L14–) with the minus output pin forced to 0.2V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com